Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205C Datasheet (PDF) - Richtek Technology Corporation

RT8205C Datasheet PDF - Richtek Technology Corporation
Part # RT8205C
Download  RT8205C Download
File Size   497.93 Kbytes
Page   28 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controllers for Notebook Computers

RT8205C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8205C Datasheet PDF - Richtek Technology Corporation

Part # RT8205C
Download  RT8205C Click to download

File Size   497.93 Kbytes
Page   28 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controllers for Notebook Computers

RT8205C Datasheet (HTML) - Richtek Technology Corporation


RT8205C Product details

High Efficiency, Main Power Supply Controllers for Notebook Computers



General Description

The RT8205A/B/C dual step-down, switch-mode power supply controller generates logic-supply voltages in battery-powered systems. The RT8205A/B/C includes two pulse-width modulation (PWM) controllers fixed at 5V/3.3V or adjustable from 2V to 5.5V. An alternative LGATE1

output LG1_CP can be used for external charge pump (RT8205B). And an optional external charge pump can be monitored through SECFB (RT8205C). This device also features 2 linear regulators providing fixed 5V and 3.3V outputs. The linear regulator each provides up to 70mA output current with automatic linear-regulator bootstrapping to the PWM outputs. The RT8205A/B/C includes on-board power-up sequencing, the power-good output, internal soft start, and internal soft-discharge output that prevents negative voltages on shutdown.



Features

Wide Input Voltage Range 6V to 25V

Dual Fixed 5V/3.3V Outputs or Adjustable from 2V to 5.5V, 1.5% Accuracy.

Alternative LGATE1 Output (LG1_CP) acts as Clock for Charge Pump (RT8205B)

Secondary Feedback Input Maintains Charge Pump Voltage (RT8205C)

Fixed 3.3V and 5V LDO Output : 70mA

2V Reference Voltage ±1% : 50μA

Constant ON-Time Control with 100ns Load Step Response

Frequency Selectable via TONSEL Setting

RDS(ON)Current Sensing and Programmable Current Limit combined with Enable Control

Selectable PWM, DEM, or Ultrasonic Mode

Internal Soft-Start and Soft-Discharge

High Efficiency up to 97%

5mW Quiescent Power Dissipation

Thermal Shutdown

RoHS Compliant and Halogen Free



Applications

Notebook and Sub-Notebook Computers

3-Cell and 4-Cell Li+ Battery-Powered Devices

 




Similar Part No. - RT8205C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8205EGQW RICHTEK-RT8205EGQW Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205LGQW RICHTEK-RT8205LGQW Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205LZQW RICHTEK-RT8205LZQW Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205M RICHTEK-RT8205M Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
More results


Similar Description - RT8205C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
March 18, 2008
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com