Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8205M Datasheet (PDF) - Richtek Technology Corporation

RT8205M Datasheet PDF - Richtek Technology Corporation
Part # RT8205M
Download  RT8205M Download
File Size   405.21 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computer

RT8205M Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8205M Datasheet PDF - Richtek Technology Corporation

Part # RT8205M
Download  RT8205M Click to download

File Size   405.21 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Efficiency, Main Power Supply Controller for Notebook Computer

RT8205M Datasheet (HTML) - Richtek Technology Corporation


RT8205M Product details

General Description

The RT8205L/M is a dual step-down, switch mode power supply controller generating logic-supply voltages in battery powered systems. It includes two Pulse-Width Modulation (PWM) controllers adjustable from 2V to 5.5V, and also features fixed 5V/3.3V linear regulators. Each linear regulator provides up to 100mA output current with automatic linear regulator bootstrapping to the PWM

outputs. An optional external charge pump can be monitored through SECFB (RT8205M). The RT8205L/M includes on-board power up sequencing, a power good output, internal soft-start, and internal soft-discharge output that prevents negative voltage during shutdown.



Features

Constant On-time Control with 100ns Load Step Response

Wide Input Voltage Range : 6V to 25V

Dual Adjustable Outputs from 2V to 5.5V

Secondary Feedback Input Maintains Charge Pump Voltage (RT8205M)

Fixed 3.3V and 5V LDO Output : 100mA

2V Reference Voltage

Frequency Selectable via TONSEL Setting

4700ppm/°C RDS(ON)Current Sensing

Programmable Current Limit Combined with Enable Control

Selectable PWM, DEM, or Ultrasonic Mode

Internal Soft-Start and Soft-Discharge

High Efficiency up to 97%

5mW Quiescent Power Dissipation

Thermal Shutdown

RoHS Compliant and Halogen Free



Applications

Notebook and Sub-Notebook Computers

3-Cell and 4-Cell Li+ Battery-Powered Devices




Similar Part No. - RT8205M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8205 RICHTEK-RT8205 Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205AGQW RICHTEK-RT8205AGQW Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205B RICHTEK-RT8205B Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205BGQW RICHTEK-RT8205BGQW Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Similar Description - RT8205M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com