Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR5001S Datasheet (PDF) - International Rectifier

IR5001S Datasheet PDF - International Rectifier
Part # IR5001S
Download  IR5001S Download
File Size   149.83 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description UNIVERSAL ACTIVE ORING CONTROLLER

IR5001S Datasheet (PDF)

Go To PDF Page Download Datasheet
IR5001S Datasheet PDF - International Rectifier

Part # IR5001S
Download  IR5001S Click to download

File Size   149.83 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description UNIVERSAL ACTIVE ORING CONTROLLER

IR5001S Datasheet (HTML) - International Rectifier


IR5001S Product details

DESCRIPTION

The IR5001S is a universal high-speed controller and N-channel power MOSFET driver for Active ORing and reverse polarity protection applications. The output voltage of the IR5001S is determined based on the polarity of the voltage difference on its input terminals. In particular, if the current flow through an N-channel ORing FET is from source to drain, the output of the IR5001S will be pulled high to Vcc, thus turning the Active ORing FET on. If the current reverses direction and flows from drain to source (due to a short-circuit failure of the source, for example), the IC will quickly switch the Active ORing FET off. Typical turn-off delay for the IR5001S is only 130nS, which helps to minimize voltage sags on the redundant dc voltage.



FEATURES

Controller / driver IC in an SO-8 package for implementation of Active ORing / reverse polarity protection using N-channel Power MOSFETs

Suitable for both input ORing (for carrier class telecom equipment) as well as output ORing for redundant DC-DC and AC-DC power supplies

130ns Typical Turn-Off delay time

3A Peak Turn-Off gate drive current

Asymmetrical offset voltage of the internal high-speed comparator prevents potential oscillations at light load

Ability to withstand continuous gate short conditions

Integrated voltage clamps on both comparator inputs allow continuous application of up to 100V

Option to be powered either directly from 36-75V universal telecom bus (100V max), or from an external bias supply and bias resistor

Input/Output pins to determine the state of the Active ORing circuit and power system redundancy



APPLICATIONS

-48V/-24V Input Active ORing for carrier  class communication equipment

Reverse input polarity protection for  DC-DC power supplies

24V/48V output active ORing for  redundant AC-DC rectifiers

Low output voltage (12V, 5V, 3.3V...)  active ORing for redundant DC-DC and AC-DC power supplies

Active ORing of multiple voltage regulators for redundant processor power




Similar Part No. - IR5001S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
226Kb / 13P
UNIVERSAL ACTIVE ORING CONTROLLER
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
More results


Similar Description - IR5001S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
Universal Active ORing Controller IC
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
600V ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com