Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2003 Datasheet (PDF) - Vicor Corporation

PI2003 Datasheet PDF - Vicor Corporation
Part # PI2003
Download  PI2003 Download
File Size   605.63 Kbytes
Page   16 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Universal Active ORing Controller IC

PI2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2003 Datasheet PDF - Vicor Corporation

Part # PI2003
Download  PI2003 Click to download

File Size   605.63 Kbytes
Page   16 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Universal Active ORing Controller IC

PI2003 Datasheet (HTML) - Vicor Corporation


PI2003 Product details

Description
The PI2003 Cool-ORingTM solution is a universal high-speed Active ORing controller IC designed for use with N-channel MOSFETs and is optimized for - 48V redundant power system architectures. The PI2003 Cool-ORing controller enables an extremely low power loss solution with fast dynamic response to input power fault conditions, critical for high availability systems. The PI2003 controls single or parallel MOSFETs to address Active ORing applications protecting against power source failures. The PI2003 is optimized for -48V low-side Active ORing applications. An internal VC shunt regulator enables biasing of the controller directly from -48V(GND).

Features
• Optimized for -48V ORing applications
• Fast Dynamic Response to Power Source failures, with 160ns reverse current turn-off delay time
• 4A gate discharge current
• Accurate MOSFET drain-to-source voltage sensing to indicate system level fault conditions
• Low quiescent current enables biasing directly from -48V(GND).
• 100V for 100ms operation in low side applications
• Active low fault flag output

Applications
• Low-side -48Vbus Active ORing
• N+1 Redundant Power Systems
• Servers & High End Computing
• Telecom Systems
• High current Active ORing




Similar Part No. - PI2003

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2003 VICOR-PI2003 Datasheet
147Kb / 1P
PI2003_V01
PI2003-00-QEIG VICOR-PI2003-00-QEIG Datasheet
147Kb / 1P
PI2003_V01
PI2003-00-SOIG VICOR-PI2003-00-SOIG Datasheet
147Kb / 1P
PI2003_V01
PI2003-EVAL1 VICOR-PI2003-EVAL1 Datasheet
554Kb / 8P
PI2003-EVAL1 Active ORing
PI2003 VICOR-PI2003_V01 Datasheet
147Kb / 1P
PI2003_V01
More results


Similar Description - PI2003

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com