Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2003 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2003
Description  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2003 Datasheet HTML 1Page - Vicor Corporation PI2003 Datasheet HTML 2Page - Vicor Corporation PI2003 Datasheet HTML 3Page - Vicor Corporation PI2003 Datasheet HTML 4Page - Vicor Corporation PI2003 Datasheet HTML 5Page - Vicor Corporation PI2003 Datasheet HTML 6Page - Vicor Corporation PI2003 Datasheet HTML 7Page - Vicor Corporation PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 4 of 16
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =9.5V, CVc = 1uF, CGATE = 4nF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
DIFFERENTIAL AMPLIFIER AND COMPARATORS
Common Mode Input Voltage
VCM
-0.1
1
V
SP to GND, SN to GND
Differential Operating Input Voltage
VSP-SN
-50
200
mV
SP-SN
SP Input Bias Current
ISP
-8
-1
μA
SP=SN=1V
SN Input Bias Current
ISN
-8
-1
μA
SP=SN=1V
SN Leakage Current
ISN
7
9
mA
VSN = 80V,SP =0V
Reverse Comparator Off Threshold
VRVS-TH
-9
-6
-3
mV
SP=SN=1V
Reverse Comparator Hysteresis
VRVS-HS
3
mV
SP=SN=1V
Reverse Fault to Gate Turn-off
Delay Time
tRVS-MS
160
190
ns
VSP-SN = ± 50mV step to 90% of
VG max, VBK=0 (minimum
blanking)
Forward Comparator On Threshold
VFWD-TH
3
6
9
mV
Forward Comparator Hysteresis
VFWD-HS
-3
mV
Forward Over-Current Comparator
Threshold
VOC-TH
135
150
165
mV
Forward Over-Current Comparator
Hysteresis
VOC-HS
-15
mV
GATE DRIVER
Gate Source Current
IG-SC
-150
-60
µA
VG = 1V, Normal Operating
Conditions, No Faults
Pull Down Peak Current(1)
IG-PD
1.5
4.0
A
Pull-down Gate Resistance (1)
RG-PD
0.3
Ω
VG = 1.5V @ 25°C
AC Gate Pull-down Voltage(1)
VG-PD
0.2
V
DC Gate Pull-down Voltage to GND
VG-PD
0.8
1.2
V
IG=100mA, in reverse fault
Gate Voltage @ VC UVLO
VG-UVLO
0.7
1
V
IG =10μA, 4.5V<VC<7.5V
Gate Voltage High
VG
VC-
0.5V
VC-
0.25V
V
Gate Fault Condition Clear; % of
VC(1)
VVC-G
50
%
Gate Fall Time
tG-F
10
15
ns
90% to 10% of VG max.
Note 1:
These parameters are not production tested but are guaranteed by design, characterization and
correlation with statistical process control.
Note 2:
Current sourced by a pin is reported with a negative sign.
Note 3
: Refer to the Auxiliary Power Supply section in the Application Information for details on the VC
requirement to meet the MOSFET Vgs requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com