Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2003 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2003
Description  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2003 Datasheet HTML 1Page - Vicor Corporation PI2003 Datasheet HTML 2Page - Vicor Corporation PI2003 Datasheet HTML 3Page - Vicor Corporation PI2003 Datasheet HTML 4Page - Vicor Corporation PI2003 Datasheet HTML 5Page - Vicor Corporation PI2003 Datasheet HTML 6Page - Vicor Corporation PI2003 Datasheet HTML 7Page - Vicor Corporation PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PI2003
Cool-ORing
TM Series
Universal Active ORing Controller IC
Description
The PI2003 Cool-ORing
TM
solution is a universal
high-speed Active ORing controller IC designed for
use with N-channel MOSFETs and is optimized for -
48V redundant power system architectures. The
PI2003 Cool-ORing controller enables an extremely
low power loss solution with fast dynamic response
to input power fault conditions, critical for high
availability systems. The PI2003 controls single or
parallel MOSFETs to address Active ORing
applications
protecting
against
power
source
failures. The PI2003 is optimized for -48V low-side
Active ORing applications. An internal VC shunt
regulator enables biasing of the controller directly
from -48V(GND).
The gate drive output turns the MOSFET on during
normal steady state operation, while achieving high-
speed turn-off during input power source fault
conditions, that cause reverse current flow, with
auto-reset once the fault clears.
The MOSFET
drain-to-source voltage is monitored to detect
normal forward, excessive forward, light load and
reverse current flow. The PI2003 provides an active
low fault flag output to the system during excessive
forward current, reverse current and light load.
Features
Optimized for -48V ORing applications
Fast Dynamic Response to Power Source
failures, with 160ns reverse current turn-off
delay time
4A gate discharge current
Accurate MOSFET drain-to-source voltage
sensing to indicate system level fault conditions
Low quiescent current enables biasing directly
from -48V(GND).
100V for 100ms operation in low side
applications
Active low fault flag output
Applications
Low-side -48Vbus Active ORing
N+1 Redundant Power Systems
Servers & High End Computing
Telecom Systems
High current Active ORing
Package Information
The PI2003 is offered in the following packages:
10 Lead 3mm x 3mm TDFN package
8 Lead SOIC package
Typical Applications:
Figure 1:
PI2003 Low-Side Active ORing
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 1 of 16


Similar Part No. - PI2003

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2003 VICOR-PI2003 Datasheet
147Kb / 1P
PI2003_V01
PI2003-00-QEIG VICOR-PI2003-00-QEIG Datasheet
147Kb / 1P
PI2003_V01
PI2003-00-SOIG VICOR-PI2003-00-SOIG Datasheet
147Kb / 1P
PI2003_V01
PI2003-EVAL1 VICOR-PI2003-EVAL1 Datasheet
554Kb / 8P
PI2003-EVAL1 Active ORing
PI2003 VICOR-PI2003_V01 Datasheet
147Kb / 1P
PI2003_V01
More results

Similar Description - PI2003

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
Universal Active ORing Controller IC
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com