Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2003 Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI2003
Description  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI2003 Datasheet HTML 6Page - Vicor Corporation PI2003 Datasheet HTML 7Page - Vicor Corporation PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation PI2003 Datasheet HTML 10Page - Vicor Corporation PI2003 Datasheet HTML 11Page - Vicor Corporation PI2003 Datasheet HTML 12Page - Vicor Corporation PI2003 Datasheet HTML 13Page - Vicor Corporation PI2003 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application Information:
The PI2003 is designed to replace ORing diodes in
high
current
redundant
power
architectures.
Replacing a traditional diode with a PI2003
controller IC and a low on-state resistance N-
channel MOSFET will result in significant power
dissipation reduction as well as board space
reduction, efficiency improvement and additional
protection features. This section describes in detail
the procedure to follow when designing with the
PI2003 Active ORing controller and N-Channel
MOSFETs. The following is a low side Active ORing
design example.
Fault Indication:
FT
output pin is an open collector output and
should be pulled up to the logic voltage or to the
controller VC via a resistor (10KΩ). Also the FT
output can be pulled with a current limiting resistor
directly to an unregulated voltage source, such as
the return of a -48V bus. In this condition connect
the FT pin to the FC pin for clamping.
Also the FT pin can be used to drive an LED or
opto-coupler device. The circuit in figure 12a shows
a PI2003 configuration for an LED/opto-coupler that
will turn on during a fault condition.
The FC
connection protects the FT pin if the LED is open.
Use the circuit in figure 12b to turn on the LED/opto-
coupler when there is no fault and to turn off during
a fault condition.
Figure 12a: Fault circuit where the LED turns on
during a fault.
Figure 12b: Fault circuit where the LED turns off
during a fault.
VC Power Source:
The PI2003 VC input voltage should be higher than
the required gate-to-source voltage (Vgs) to fully
enhance the MOSFET. The maximum gate to VC
voltage loss (headroom), VHDVC-G is 0.5V.
VHDVC-G specification is the Gate Voltage High (VG)
in the Gate Driver section under the
Electrical Specification.
If the bus voltage is higher than 11V then a bias
resistor (Rbias) is required, and should be
connected between the PI2003 VC pin and supply.
The resistor is selected based on the input voltage
range.
max
min
IC
VC
Vbus
Rbias
clamp
−
=
Rbias maximum power dissipation:
Rbias
VC
Vbus
Pd
clamp
Rbias
2
max
)
(
−
=
Rbias maximum power dissipation is at maximum
input voltage and minimum clamp voltage (11V).
Where:
min
Vbus
: V(bus) minimum voltage
max
Vbus
: V(bus) maximum voltage
Clamp
VC
: Controller clamp voltage, 11V
max
IC
: Controller maximum bias current (2.0mA)
Note: If the FT pin is connected to the VC pin via a
resistor (RFT), the FT sink current (
)
during a fault condition should be added to
the maximum bias current
in the
above equations.
FT
I
max
IC
The FT pin sink current during a fault can
be
calculated
using
the
following
approximate equation:
FT
clampMax
FT
R
VC
I
=
N-Channel MOSFET Selection:
There are several factors that affect the MOSFET
selection
including
cost,
on-state
resistance
(Rds(on)), current rating, power dissipation, thermal
conductivity, drain-to-source breakdown voltage
(BVdss), gate-to-source voltage rating (Vgs), and
gate threshold voltage (Vgs(TH)).
The first step is to select suitable MOSFETs based
on the BVdss requirement for the application. The
BVdss voltage rating should be higher than the
applied Vin voltage plus expected transient voltages.
Stray parasitic inductance in the circuit can also
contribute to significant transient voltage conditions,
particularly during MOSFET turn-off after a reverse
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 10 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com