Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2003 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI2003
Description  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 Datasheet(HTML) 3 Page - Vicor Corporation

  PI2003 Datasheet HTML 1Page - Vicor Corporation PI2003 Datasheet HTML 2Page - Vicor Corporation PI2003 Datasheet HTML 3Page - Vicor Corporation PI2003 Datasheet HTML 4Page - Vicor Corporation PI2003 Datasheet HTML 5Page - Vicor Corporation PI2003 Datasheet HTML 6Page - Vicor Corporation PI2003 Datasheet HTML 7Page - Vicor Corporation PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
VC
-0.3V to 17.3V / 40mA
SP
-0.3V to 8.0V / 10mA
FC, FT
-0.3V to 17.3V / 10mA
GATE
-0.3V to 17.3V / 5A
SN (Continuous)
-0.3V to 80V / 10mA
SN (100ms Pulse)
100V / 10mA
GND
-0.3V / 5A peak
Storage Temperature
-65
oC to 150oC
Operating Junction Temperature
-40
oC to 150°C
Lead Temperature (Soldering, 20 sec)
250
oC
ESD Rating
2kV HBM
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =9.5V, CVc = 1uF, CGATE = 4nF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VC Supply
Operating Supply Range (3)
VVC-GND
8.5
9.5
V
No VC limiting Resistors
Quiescent Current
IVC
1.5
2.0
mA
Normal Operating Condition,
No Faults,
VC Clamp Voltage
VVC-CLM
10
11
12
V
IVC = 3mA
VC Clamp Shunt Resistance
RVC
10
Ω
Delta IVC=10mA
VC Under-Voltage Rising Threshold
VVCUVR
7.15
8.5
V
VC Under-Voltage Falling Threshold
VVCUVF
6.0
7.00
V
VC Under-Voltage Hysteresis
VVCUV-HS
150
mV
FAULT
Fault Output Low Voltage
VFTL
0.2
0.5
V
IFT = 4mA, VC > 4.5V
Fault Output High Leakage Current
IFT-LC
10
μA
VFT=14V
Fault Delay Time
tFT-DEL
20
40
60
μs
Fault Clamp (FC to VC)
VFC-VC
0.7
1.2
V
IDC ≤ 5mA
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com