Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2003 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI2003
Description  Universal Active ORing Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2003 Datasheet(HTML) 2 Page - Vicor Corporation

  PI2003 Datasheet HTML 1Page - Vicor Corporation PI2003 Datasheet HTML 2Page - Vicor Corporation PI2003 Datasheet HTML 3Page - Vicor Corporation PI2003 Datasheet HTML 4Page - Vicor Corporation PI2003 Datasheet HTML 5Page - Vicor Corporation PI2003 Datasheet HTML 6Page - Vicor Corporation PI2003 Datasheet HTML 7Page - Vicor Corporation PI2003 Datasheet HTML 8Page - Vicor Corporation PI2003 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Description
Pin Number
Pin
Name
10 Lead
TDFN
8 Lead
SOIC
Description
GND
1
1
Ground:
This pin is ground for the gate driver and control circuitry.
GATE
2
2
Gate Drive Output:
This pin drives the gate of the external N-channel MOSFET.
Under normal operating conditions, the GATE pin pulls high to VC-0.5V. The
controller turns the gate off during a reverse current fault that exceeds the reverse
voltage threshold.
VC
3
3
Controller Input Supply:
This pin is the supply pin for the control circuitry and gate
driver. Connect a 1μF capacitor between VC pin and the GND pin. Voltage on this pin
is limited to 11V by an internal shunt regulator. For high voltage auxiliary supply
applications connect a shunt resistor between VC and the auxiliary supply.
FC
5
4
Fault Clamp Input:
Connect the FT pin to FC when it is pulled by a resistor to a
voltage higher than the VC pin to clamp it to VC plus a diode. Leave this pin open if
unused.
FT
6
5
Fault State Output:
This open collector pin pulls low when a fault occurs. Fault logic
inputs are VC Under-Voltage, Reverse Current, Forward Over-Current, and light load.
Leave this pin open if unused.
SP
7
6
Positive Sense Input & Clamp:
Connect SP pin to the Source pin of the external N-
channel MOSFET close to the GND pin. The polarity of the voltage difference
between SP and SN provides an indication of current flow direction through the
MOSFET.
SN
8
7
Negative Sense Input & Clamp:
Connect SN to the Drain pin of the external N-
channel MOSFET. The polarity of the voltage difference between SP and SN provides
an indication of current flow direction through the MOSFET.
Package Pin-Outs
10 Lead TDFN (3mm x 3mm)
Top view
8 Lead SOIC (5mm x 6mm)
Top view
Picor Corporation • picorpower.com
PI2003
Rev 1.0
Page 2 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com