Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9032 Datasheet (PDF) - Richtek Technology Corporation

RT9032 Datasheet PDF - Richtek Technology Corporation
Part # RT9032
Download  RT9032 Download
File Size   264.64 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Programmable Dual Output Linear Regulator

RT9032 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9032 Datasheet PDF - Richtek Technology Corporation

Part # RT9032
Download  RT9032 Click to download

File Size   264.64 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Programmable Dual Output Linear Regulator

RT9032 Datasheet (HTML) - Richtek Technology Corporation


RT9032 Product details

General Description

The RT9032 is a dual channels, low noise and low dropout voltage regulator souring up to 300mA at each channel. The output voltage range is from 1.1V to 3.3V by operating voltage range from 2.5V to 5.5V. The output voltages of the RT9032 can be programmed by setting the voltage of P1 and P2. There are 9 different

voltage settings in one chip. User can choose output voltages easily by setting P1, P2 to VDD, GND or floating.



Features

Wide Operating Voltage Ranges : 2.5V to 5.5V

Dual LDO Output

Pin Programmable Output Voltage

Low-Noise for RF Application

No Noise Bypass Capacitor Required

Fast Response in Line/Load Transient

Low Quiescent Current of 32μA/LDO

3% High Output Accuracy

Current Limiting Protection

Thermal Shutdown Protection

Short Circuit Protection

Tiny WDFN-8L 2x2 and WQFN-8L 1.6x1.6 (COL) Packages

RoHS Compliant and Halogen Free



Applications

Mobile Phone

Smart Hand-Held Devices

Digital Still Camera

Battery-Powered Equipments

PCMCIA Cards




Similar Part No. - RT9032

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9038 RICHTEK-RT9038 Datasheet
157Kb / 9P
The RT9038 is a high-performance
More results


Similar Description - RT9032

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33710 FREESCALE-33710 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
logo
Linear Technology
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_1 Datasheet
510Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
MP20142 MPS-MP20142 Datasheet
385Kb / 13P
Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
Semtech Corporation
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
logo
Linear Technology
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com