Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9032 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9032
Description  Programmable Dual Output Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9032 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9032 Datasheet HTML 1Page - Richtek Technology Corporation RT9032 Datasheet HTML 2Page - Richtek Technology Corporation RT9032 Datasheet HTML 3Page - Richtek Technology Corporation RT9032 Datasheet HTML 4Page - Richtek Technology Corporation RT9032 Datasheet HTML 5Page - Richtek Technology Corporation RT9032 Datasheet HTML 6Page - Richtek Technology Corporation RT9032 Datasheet HTML 7Page - Richtek Technology Corporation RT9032 Datasheet HTML 8Page - Richtek Technology Corporation RT9032 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9032
2
DS9032-03 August 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
P1 State
P2 State
VOUT1
VOUT2
L
L
1.5V
2.8V
L
H
1.8V
2.9V
L
Open
1.8V
2.8V
H
L
1.8V
2.7V
H
H
1.8V
2.6V
H
Open
2.7V
2.8V
Open
L
2.8V
2.8V
Open
H
2.9V
2.9V
Open
Open
2.8V
3.3V
Table for Programmable Output Voltage Setting
Combination A (RT9032A)
P1 State
P2 State
VOUT1
VOUT2
L
L
1.2V
2.8V
L
H
1.5V
1.8V
L
Open
1.5V
2.8V
H
L
1.8V
2.6V
H
H
1.8V
2.8V
H
Open
2.8V
2.8V
Open
L
2.8V
3.3V
Open
H
3V
3.3V
Open
Open
3.3V
3.3V
Combination B (RT9032B)
P1 State
P2 State
VOUT1
VOUT2
L
L
1.8V
2.8V
L
H
1.8V
2.85V
L
Open
1.8V
3V
H
L
1.85V
2.85V
H
H
2.6V
2.7V
H
Open
2.6V
3.3V
Open
L
2.85V
3.3V
Open
H
3V
3.3V
Open
Open
3.3V
3.3V
Combination C (RT9032C)
P1 State
P2 State
VOUT1
VOUT2
L
L
1.8V
2.9V
L
H
2.6V
2.8V
L
Open
1.8V
2.8V
H
L
2.9V
2.9V
H
H
2.8V
3.3V
H
Open
2.8V
2.8V
Open
L
1.8V
2.6V
Open
H
1.8V
2.7V
Open
Open
1.5V
2.8V
Combination D (RT9032D)
EN1
EN2
VOUT2
VOUT1
RT9032
GND
VIN
1µF
VIN
Chip Enable
CIN
1µF
VOUT1
COUT1
1µF
VOUT2
COUT2
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com