Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9052 Datasheet (PDF) - Richtek Technology Corporation

RT9052 Datasheet PDF - Richtek Technology Corporation
Part # RT9052
Download  RT9052 Download
File Size   212.76 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Channel LED Current Source Controller

RT9052 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9052 Datasheet PDF - Richtek Technology Corporation

Part # RT9052
Download  RT9052 Click to download

File Size   212.76 Kbytes
Page   9 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Single Channel LED Current Source Controller

RT9052 Datasheet (HTML) - Richtek Technology Corporation


RT9052 Product details

General Description
The RT9052 is a low cost, single channel LED current source controller with a specific FAULT detector. The part can drive an external NPN-BJT for various applications. The RT9052 is operated with Vcc power ranging from 3.8V to 13.5V. With such a topology, its very flexible and cost effective.
The RT9052 comes in a small SOT-23-6 package.

Features
• 3.8V to 13.5V Operation Voltage
• Voltage Reference 0.8V with ±2% High Accuracy
• FAULT Indicator with Delay
• Dimming Control by PWM
• Small Footprint Package SOT-23-6
• RoHS Compliant and Halogen Free

Applications
• LED Backlight applications
• Current Source
• Transistor Driver




Similar Part No. - RT9052

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
RT9055-NGWSC RICHTEK-RT9055-NGWSC Datasheet
533Kb / 6P
The RT9055 is a dual channel
RT9058 RICHTEK-RT9058 Datasheet
179Kb / 9P
36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
RT9058-25GV RICHTEK-RT9058-25GV Datasheet
179Kb / 9P
36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
More results


Similar Description - RT9052

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
Off-Line PFC Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
Off-Line Current Source Controller
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
4-Channel Current Source White LED Driver
logo
Richtek Technology Corp...
RT6030 RICHTEK-RT6030 Datasheet
175Kb / 10P
4-CH LED Current Source Controller
logo
Diodes Incorporated
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 1
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
Rev 2
AL3065A DIODES-AL3065A Datasheet
443Kb / 16P
BOOST CONTROLLER WITH 4-CHANNEL HIGH PERCISION CURRENT SOURCE
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com