Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W27C4096 Datasheet (PDF) - Winbond

W27C4096 Datasheet PDF - Winbond
Part # W27C4096
Download  W27C4096 Download
File Size   230.17 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 16 ELECTRICALLY ERASABLE EPROM

W27C4096 Datasheet (PDF)

Go To PDF Page Download Datasheet
W27C4096 Datasheet PDF - Winbond

Part # W27C4096
Download  W27C4096 Click to download

File Size   230.17 Kbytes
Page   15 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 16 ELECTRICALLY ERASABLE EPROM

W27C4096 Datasheet (HTML) - Winbond


W27C4096 Product details

GENERAL DESCRIPTION
The W27C4096 is a high speed, low power Electrically Erasable and Programmable Read Only Memory organized as 262144 ´ 16 bits that operates on a single 5 volt power supply. The W27C4096 provides an electrical chip erase function.

FEATURES
• High speed access time: 120/150 nS (max.)
• Read operating current: 30 mA (max.)
• Erase/Programming operating current 30 mA (max.)
• Standby current: 100 mA (max.)
• Single 5V power supply
• +14V erase/+12V programming voltage
• Fully static operation
• All inputs and outputs directly TTL/CMOS compatible
• Three-state outputs
• Available packages: 40-pin 600 mil DIP, TSOP and 44-pin PLCC




Similar Part No. - W27C4096

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010-15 WINBOND-W27C010-15 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010-70 WINBOND-W27C010-70 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010P-15 WINBOND-W27C010P-15 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010P-70 WINBOND-W27C010P-70 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
More results


Similar Description - W27C4096

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
32K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com