Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W27E020 Datasheet (PDF) - Winbond

W27E020 Datasheet PDF - Winbond
Part # W27E020
Download  W27E020 Download
File Size   160.41 Kbytes
Page   14 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 ELECTRICALLY ERASABLE EPROM

W27E020 Datasheet (PDF)

Go To PDF Page Download Datasheet
W27E020 Datasheet PDF - Winbond

Part # W27E020
Download  W27E020 Click to download

File Size   160.41 Kbytes
Page   14 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 ELECTRICALLY ERASABLE EPROM

W27E020 Datasheet (HTML) - Winbond


W27E020 Product details

GENERAL DESCRIPTION
The W27E020 is a high speed, low power Electrically Erasable and Programmable Read Only Memory organized as 262144 ´ 8 bits that operates on a single 5 volt power supply. The W27E020 provides an electrical chip erase function.

FEATURES
• High speed access time:
   70/90/120 nS (max.)
• Read operating current: 30 mA (max.)
• Erase/Programming operating current:
   30 mA (max.)
• Standby current: 1 mA (max.)
• Single 5V power supply
• +14V erase/+12V programming voltage
• Fully static operation
• All inputs and outputs directly TTL/CMOS
   compatible
• Three-state outputs
• Available packages: 32-pin 600 mil DIP and PLCC




Similar Part No. - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-12 WINBOND-W27E040-12 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040-90 WINBOND-W27E040-90 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E040P-12 WINBOND-W27E040P-12 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
More results


Similar Description - W27E020

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C4096 WINBOND-W27C4096 Datasheet
230Kb / 15P
256K X 16 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
32K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com