Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W27C520 Datasheet (PDF) - Winbond

W27C520 Datasheet PDF - Winbond
Part # W27C520
Download  W27C520 Download
File Size   239.24 Kbytes
Page   16 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 8 ELECTRICALLY ERASABLE EPROM

W27C520 Datasheet (PDF)

Go To PDF Page Download Datasheet
W27C520 Datasheet PDF - Winbond

Part # W27C520
Download  W27C520 Click to download

File Size   239.24 Kbytes
Page   16 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 64K X 8 ELECTRICALLY ERASABLE EPROM

W27C520 Datasheet (HTML) - Winbond


W27C520 Product details

GENERAL DESCRIPTION
The W27C520 is a high speed, low power Electrically Erasable and Programmable Read Only Memory organized as 65,536 ´ 8 bits. It includes latches for the lower 8 address lines to multiplex with the 8 data lines. To cooperate with the MCU, this device could save the external TTL component, also cost and space. It requires only one supply in the range of 3.0V to 3.6V or 4.5V to 5.5V in normal read mode. The W27C520 provides an electrical chip erase function. It will be a great convenient when you need to change/update the contents in the device.

FEATURES
• High speed access time: 70/90 nS (max.)
• Read operating current: 8/20 mA (max.)
• Erase/Programming operating current 30 mA (max.)
• Standby current: 20/100 mA (max.)
• Unregulated battery power supply range, 3.0V to 3.6V and 4.5V to 5.5V
• +13V erase and programming voltage
• High Reliability CMOS Technology
    - 2K V ESD Protection
    - 200 mA Latchup Immunity
• Fully static operation
• All inputs and outputs directly LVTTL/CMOS compatible
• Three-state outputs
• Available packages: 20-pin TSSOP and 20-pin SOP




Similar Part No. - W27C520

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-12 WINBOND-W27C512-12 Datasheet
161Kb / 15P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-12 WINBOND-W27C512-12 Datasheet
146Kb / 19P
High speed access time: 45/70/90/120 nS (max.)
January 9, 2006 Revision A6
W27C512-45 WINBOND-W27C512-45 Datasheet
161Kb / 15P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-45 WINBOND-W27C512-45 Datasheet
146Kb / 19P
High speed access time: 45/70/90/120 nS (max.)
January 9, 2006 Revision A6
More results


Similar Description - W27C520

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
256K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
512K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
64K X 8 ELECTRICALLY ERASABLE EPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com