Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W29C020 Datasheet (PDF) - Winbond

W29C020 Datasheet PDF - Winbond
Part # W29C020
Download  W29C020 Download
File Size   267.62 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 CMOS FLASH MEMORY

W29C020 Datasheet (PDF)

Go To PDF Page Download Datasheet
W29C020 Datasheet PDF - Winbond

Part # W29C020
Download  W29C020 Click to download

File Size   267.62 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 CMOS FLASH MEMORY

W29C020 Datasheet (HTML) - Winbond


W29C020 Product details

GENERAL DESCRIPTION

The W29C020 is a 2-megabit, 5-volt only CMOS flash memory organized as 256K x 8 bits. The device can be written (erased and programmed) in-system with a standard 5V power supply. A 12-volt VPPis not required. The unique cell architecture of the W29C020 results in fast write (erase/program) operations with extremely low current consumption compared to other comparable 5-volt flash memory products. The device can also be written (erased and programmed) by using standard EPROM programmers.



FEATURES

· Single 5-volt write (erase and program) operations

· Fast page-write operations

- 128 bytes per page

- Page write (erase/program) cycle: 10 mS (max.)

- Effective byte-write (erase/program) cycle time: 39 mS

- Optional software-protected data write

· Fast chip-erase operation: 50 mS

· Two 8 KB boot blocks with lockout

· Typical page write (erase/program) cycles: 100/1K/10K

· Read access time: 70/90/120 nS

· Ten-year data retention

· Software and hardware data protection

· Low power consumption

- Active current: 25 mA (typ.)

- Standby current: 20 mA (typ.)

· Automatic write (erase/program) timing with internal VPP generation

· End of write (erase/program) detection

- Toggle bit

- Data polling

· Latched address and data

· All inputs and outputs directly TTL compatible

· JEDEC standard byte-wide pinouts

· Available packages: 32-pin 600 mil DIP, 450 mil SOP, TSOP, and 32-pin PLCC




Similar Part No. - W29C020

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
More results


Similar Description - W29C020

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Winbond
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
256K x 8 CMOS FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com