Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet (PDF) - Intel Corporation

28F020 Datasheet PDF - Intel Corporation
Part # 28F020
Download  28F020 Download
File Size   878.8 Kbytes
Page   38 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 28F020 2048K (256K X 8) CMOS FLASH MEMORY

28F020 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F020 Datasheet PDF - Intel Corporation

Part # 28F020
Download  28F020 Click to download

File Size   878.8 Kbytes
Page   38 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 28F020 2048K (256K X 8) CMOS FLASH MEMORY

28F020 Datasheet (HTML) - Intel Corporation


28F020 Product details

Intel’s 28F020 CMOS flash memory offers the most cost-effective and reliable alternative for read/write random access nonvolatile memory. The 28F020 adds electrical chip-erasure and reprogramming to familiar EPROM technology. Memory contents can be rewritten: in a test socket; in a PROM-programmer socket; onboard during subassembly test; in-system during final test; and in-system after-sale. The 28F020 increases memory flexibility, while contributing to time-and cost-savings.

■ Flash Electrical Chip-Erase
    — 2 Second Typical Chip-Erase
■ Quick-Pulse Programming Algorithm
    — 10 ms Typical Byte-Program
    — 4 Second Chip-Program
■ 100,000 Erase/Program Cycles
■ 12.0V g5% VPP
■ High-Performance Read
    — 70 ns Maximum Access Time
■ CMOS Low Power Consumption
    — 10 mA Typical Active Current
    — 50 mA Typical Standby Current
    — 0 Watts Data Retention Power
■ Integrated Program/Erase Stop Timer
■ Command Register Architecture for Microprocessor/Microcontroller Compatible Write Interface
■ Noise Immunity Features
    — g10% VCC Tolerance
    — Maximum Latch-Up Immunity through EPI Processing
■ ETOXTM Nonvolatile Flash Technology
    — EPROM-Compatible Process Base
    — High-Volume Manufacturing Experience
■ JEDEC-Standard Pinouts
    — 32-Pin Plastic Dip
    — 32-Lead PLCC
    — 32-Lead TSOP
        (See Packaging Spec., Order Ý231369)
■ Extended Temperature Options




Similar Part No. - 28F020

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F004B5 INTEL-28F004B5 Datasheet
501Kb / 38P
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results


Similar Description - 28F020

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Winbond
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
256K x 8 CMOS FLASH MEMORY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com