Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 4 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 4 Page - Intel Corporation

  28F020 Datasheet HTML 1Page - Intel Corporation 28F020 Datasheet HTML 2Page - Intel Corporation 28F020 Datasheet HTML 3Page - Intel Corporation 28F020 Datasheet HTML 4Page - Intel Corporation 28F020 Datasheet HTML 5Page - Intel Corporation 28F020 Datasheet HTML 6Page - Intel Corporation 28F020 Datasheet HTML 7Page - Intel Corporation 28F020 Datasheet HTML 8Page - Intel Corporation 28F020 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
28F020
E
4
REVISION HISTORY
Number
Description
-004
Removed Preliminary Classification. Clarified AC and DC test conditions. Added “dimple”
to F TSOP package. Corrected serpentine layout.
-005
Added –80V05, –90 ns speed grades. Added extended temperature devices. Corrected
AC Waveforms.
————
————
-006
Added –70 ns speed. Deleted –80 V05 speed. Revised symbols, i.e., CE, OE, etc. to CE#,
OE#, etc.
-007
Updated Command Def. Table. Updated 28F020 Quick-Erase Algorithm. Updated AC
Characteristics. Removed serpentine layout diagram.
-008
Minor changes throughout document.
-009
Deleted –70 ns speed and F TSOP package. Added –120 ns speed and extended
temperature devices. Updated Ordering Information chart. Updated AC Characteristics.
Replaced references to –70 ns with –90 ns on first page. Removed F TSOP package pin
configuration diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com