Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 22 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 18Page - Intel Corporation 28F020 Datasheet HTML 19Page - Intel Corporation 28F020 Datasheet HTML 20Page - Intel Corporation 28F020 Datasheet HTML 21Page - Intel Corporation 28F020 Datasheet HTML 22Page - Intel Corporation 28F020 Datasheet HTML 23Page - Intel Corporation 28F020 Datasheet HTML 24Page - Intel Corporation 28F020 Datasheet HTML 25Page - Intel Corporation 28F020 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
28F020
E
22
4.5
DC Characteristics—CMOS Compatible—Commercial Products (Continued)
Limits
Symbol
Parameter
Notes
Min
Typ(3)
Max
Unit
Test Conditions
VOH1
Output High
Voltage
0.85
VCC
VVCC = VCC Min
IOH = –2.5 mA
VOH2
VCC –
0.4
VCC = VCC Min
IOH = –100 µA
VID
A9 Intelligent
Identifier Voltage
11.50
13.00
V
IID
A9 Intelligent
Identifier Current
1, 2
90
200
µA
A9 = VID
VPPL
VPP during
Read-Only
Operations
0.00
6.5
V
NOTE:
Erase/Programs
are Inhibited when
VPP = VPPL
VPPH
VPP during
Read/Write
Operations
11.40
12.60
V
VLKO
VCC Erase/Write
Lock Voltage
2.5
V
4.6
DC Characteristics—TTL/NMOS Compatible—Extended Temperature
Products
Limits
Symbol
Parameter
Notes
Min
Typ(3)
Max
Unit
Test Conditions
ILI
Input Leakage
Current
1
±1.0
µA
VCC = VCC Max
VIN = VCC or VSS
ILO
Output Leakage
Current
1
±10
µA
VCC= VCC Max
VOUT = VCC or
VSS
ICCS
VCC Standby
Current
1
0.3
1.0
mA
VCC = VCC Max
CE# = VIH
ICC1
VCC Active Read
Current
110
30
mA
VCC = VCC Max
CE# = VIL
f = 6 MHz
IOUT = 0 mA
ICC2
VCC
Programming
Current
1, 2
1.0
30
mA
Programming in
Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com