Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 35 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 30Page - Intel Corporation 28F020 Datasheet HTML 31Page - Intel Corporation 28F020 Datasheet HTML 32Page - Intel Corporation 28F020 Datasheet HTML 33Page - Intel Corporation 28F020 Datasheet HTML 34Page - Intel Corporation 28F020 Datasheet HTML 35Page - Intel Corporation 28F020 Datasheet HTML 36Page - Intel Corporation 28F020 Datasheet HTML 37Page - Intel Corporation 28F020 Datasheet HTML 38Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
E
28F020
35
4.11
AC Characteristics—Alternate CE# Controlled Writes(1) —Commercial and
Extended Temperature Products
Versions
28F020-90(4)
28F020-120(4)
28F020-150(4)
Symbol
Characteristics
Notes
Min
Max
Min
Max
Min
Max
Unit
tAVAV
Write Cycle Time
90
120
150
ns
tAVEL
Address Set-Up
Time
00
0
ns
tELAX
Address Hold Time
50
55
55
ns
560
60
tDVEH
Data Set-Up Time
40
45
45
ns
550
50
tEHDX
Data Hold Time
10
10
10
ns
tEHGL
Write Recovery Time
before Read
66
6
µs
tGHWL
Read Recovery
Time before Write
20
0
0
ns
tWLEL
Write Enable Set-Up
Time before Chip
Enable
00
0
ns
tEHWH
Write Enable Hold
Time
00
0
ns
tELEH
Write Pulse Width
50
60
70
ns
560
60
tEHEL
Write Pulse Width
High
20
20
20
ns
tEHEH1
Duration of Prog.
Operation
310
10
10
µs
tEHEH2
Duration of Erase
Operation
3
9.5
9.5
9.5
ms
tVPEL
VPP Set-Up Time to
Chip Enable Low
21
1
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com