Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 26 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 22Page - Intel Corporation 28F020 Datasheet HTML 23Page - Intel Corporation 28F020 Datasheet HTML 24Page - Intel Corporation 28F020 Datasheet HTML 25Page - Intel Corporation 28F020 Datasheet HTML 26Page - Intel Corporation 28F020 Datasheet HTML 27Page - Intel Corporation 28F020 Datasheet HTML 28Page - Intel Corporation 28F020 Datasheet HTML 29Page - Intel Corporation 28F020 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
28F020
E
26
4.7
DC Characteristics—CMOS Compatible—Extended Temperature Products
(Continued)
Limits
Symbol
Parameter
Notes
Min
Typ(3)
Max
Unit
Test Conditions
IID
A9 Intelligent
Identifier Current
1, 2
90
500
µA
A9 = VID
VPPL
VPP during Read-
Only Operations
0.00
6.5
V
NOTE:
Erase/Programs
are Inhibited
when VPP = VPPL
VPPH
VPP during
Read/Write
Operations
11.40
12.60
V
VLKO
VCC Erase/Write
Lock Voltage
2.5
V
NOTES:
1.
All currents are in RMS unless otherwise noted. Typical values at VCC = 5.0 V, VPP = 12.0 V, T = 25 °C. These currents are
valid for all product versions (packages and speeds).
2.
Not 100% tested: Characterization data available.
3.
“Typicals” are not guaranteed, but based on a limited number of samples from production lots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com