Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 17Page - Intel Corporation 28F020 Datasheet HTML 18Page - Intel Corporation 28F020 Datasheet HTML 19Page - Intel Corporation 28F020 Datasheet HTML 20Page - Intel Corporation 28F020 Datasheet HTML 21Page - Intel Corporation 28F020 Datasheet HTML 22Page - Intel Corporation 28F020 Datasheet HTML 23Page - Intel Corporation 28F020 Datasheet HTML 24Page - Intel Corporation 28F020 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
E
28F020
21
4.5
DC Characteristics—CMOS Compatible—Commercial Products (Continued)
Limits
Symbol
Parameter
Notes
Min
Typ(3)
Max
Unit
Test Conditions
ICC1
VCC Active Read
Current
110
30
mA
VCC = VCC Max
CE# = VIL
f = 6 MHz,
IOUT = 0 mA
ICC2
VCC
Programming
Current
1, 2
1.0
10
mA
Programming in
Progress
ICC3
VCC Erase
Current
1, 2
5.0
15
mA
Erasure in
Progress
ICC4
VCC Program
Verify Current
1, 2
5.0
15
mA
VPP = VPPH
Program Verify in
Progress
ICC5
VCC Erase
Verify Current
1, 2
5.0
15
mA
VPP = VPPH
Erase Verify in
Progress
IPPS
VPP Leakage
Current
1
±10
µA
VPP
≤ VCC
IPP1
VPP Read
Current,
ID Current or
Standby Current
1
90
200
µA
VPP > VCC
±10
VPP
≤ VCC
IPP2
VPP
Programming
Current
1, 2
8
30
mA
VPP = VPPH
Programming in
Progress
IPP3
VPP Erase
Current
1, 2
10
30
mA
VPP = VPPH
Erasure in
Progress
IPP4
VPP Program
Verify Current
1, 2
2.0
5.0
mA
VPP = VPPH
Program Verify in
Progress
IPP5
VPP Erase Verify
Current
1, 2
2.0
5.0
mA
VPP = VPPH
Erase Verify in
Progress
VIL
Input Low
Voltage
–0.5
0.8
V
VIH
Input High
Voltage
0.7
VCC
VCC +
0.5
V
VOL
Output Low
Voltage
0.45
V
VCC = VCC Min
IOL = 5.8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com