Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 18 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 14Page - Intel Corporation 28F020 Datasheet HTML 15Page - Intel Corporation 28F020 Datasheet HTML 16Page - Intel Corporation 28F020 Datasheet HTML 17Page - Intel Corporation 28F020 Datasheet HTML 18Page - Intel Corporation 28F020 Datasheet HTML 19Page - Intel Corporation 28F020 Datasheet HTML 20Page - Intel Corporation 28F020 Datasheet HTML 21Page - Intel Corporation 28F020 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
28F020
E
18
4.0 ELECTRICAL SPECIFICATIONS
4.1
Absolute Maximum Ratings*
Operating Temperature
During Read .........................0 °C to +70 °C(1)
During Erase/Program ..........0 °C to +70 °C(1)
Operating Temperature
During Read .....................–40 °C to +85 °C(2)
During Erase/Program ......–40 °C to +85 °C(2)
Temperature Under Bias.........–10 °C to +80 °C(1)
Temperature Under Bias.........–50 °C to +95 °C(2)
Storage Temperature............... –65 °C to +125 °C
Voltage on Any Pin with
Respect to Ground ............ –2.0 V to +7.0 V(2)
Voltage on Pin A9 with
Respect to Ground ........–2.0 V to +13.5 V(2,3)
VPP Supply Voltage with
Respect to Ground
During Erase/Program ...–2.0 V to +14.0 V(2,3)
VCC Supply Voltage with
Respect to Ground ............ –2.0 V to +7.0 V(2)
Output Short Circuit Current.................. 100 mA(4)
NOTICE: This is a production datasheet. The specifications
are subject to change without notice.
*WARNING: Stressing the device beyond the Absolute
Maximum Ratings
may cause permanent damage. These
are stress ratings only. Operation beyond the Operating
Conditions
is not recommended and extended exposure
beyond the Operating Conditions
may
affect
device
reliability.
NOTES:
1.
Operating temperature is for commercial product
defined by this specification.
2.
Operating temperature is for extended temperature
product as defined by this specification.
3.
Minimum DC input voltage is –0.5 V. During transitions,
inputs may undershoot to –2.0 V for periods less than
20 ns. Maximum DC voltage on output pins is VCC +
0.5 V, which may overshoot to VCC + 2.0 V for periods
less than 20 ns.
4.
Maximum DC voltage on A
9 or VPP may overshoot to
+14.0 V for periods less than 20 ns.
5.
Output shorted for no more than one second. No more
than one output shorted at a time.
6.
See
Testing Input/Output Waveform (Figure 6) and AC
Testing Load Circuit (Figure 7) for testing
characteristics.
7.
See
High Speed AC Testing Input/Output Waveform
(Figure 8) and
High Speed AC Testing Load Circuit
(Figure 9) for testing characteristics.
4.2
Operating Conditions
Limits
Symbol
Parameter
Min
Max
Unit
TA
Operating Temperature(1)
070
°C
TA
Operating Temperature(2)
–40
+85
°C
VCC
VCC Supply Voltage (10%)(6)
4.50
5.50
V
VCC
VCC Supply Voltage (5%)(7)
4.75
5.25
V
4.3
Capacitance
TA = 25 °C, f = 1.0 MHz
Limits
Symbol
Parameter
Notes
Min
Max
Unit
Conditions
CIN
Address/Control Capacitance
1
8
pF
VIN = 0 V
COUT
Output Capacitance
1
12
pF
VOUT = 0 V
NOTE:
1.
Sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com