Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 28 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 24Page - Intel Corporation 28F020 Datasheet HTML 25Page - Intel Corporation 28F020 Datasheet HTML 26Page - Intel Corporation 28F020 Datasheet HTML 27Page - Intel Corporation 28F020 Datasheet HTML 28Page - Intel Corporation 28F020 Datasheet HTML 29Page - Intel Corporation 28F020 Datasheet HTML 30Page - Intel Corporation 28F020 Datasheet HTML 31Page - Intel Corporation 28F020 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28F020
E
28
4.8
AC Characteristics—Read Only Operations—Commercial and Extended
Temperature Products
Versions
28F020-90(4)
28F020-120(4)
28F020-150(4)
Symbol
Characteristics
Notes
Min
Max
Min
Max
Min
Max
Unit
tAVAV/tRC
Read Cycle Time
90
120
150
ns
tELQV/
tCE>
Chip Enable Access
Time
90
120
150
ns
tAVQV/
tACC
Address Access
Time
90
120
150
ns
tGLQV/
tOE
Output Enable
Access Time
35
50
50
ns
tELQX/
tLZ
Chip Enable to
Output in Low Z
2, 3
0
0
0
ns
tEHQZ
Chip Disable to
Output in High Z
245
55
55
ns
tGLQX/
tOLZ
Output Enable to
Output in Low Z
2, 3
0
0
0
ns
tGHQZ/
tDF
Output Disable to
Output in High Z
230
30
30
ns
tOH
Output Hold from
Address, CE#, or
OE# Change
1, 2
0
0
0
ns
tWHGL
Write Recovery Time
before Read
66
6
µs
NOTES:
1.
Whichever occurs first.
2.
Sampled, not 100% tested.
3.
Guaranteed by design.
4.
See
High Speed AC Testing Input/Output Waveform (Figure 8) and High Speed AC Testing Load Circuit (Figure 9) for
testing characteristics.
5.
See
Testing Input/Output Waveform (Figure 6) and AC Testing Load Circuit (Figure 7) for testing characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com