Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 3 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 3 Page - Intel Corporation

  28F020 Datasheet HTML 1Page - Intel Corporation 28F020 Datasheet HTML 2Page - Intel Corporation 28F020 Datasheet HTML 3Page - Intel Corporation 28F020 Datasheet HTML 4Page - Intel Corporation 28F020 Datasheet HTML 5Page - Intel Corporation 28F020 Datasheet HTML 6Page - Intel Corporation 28F020 Datasheet HTML 7Page - Intel Corporation 28F020 Datasheet HTML 8Page - Intel Corporation 28F020 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
E
28F020
3
CONTENTS
PAGE
PAGE
1.0 APPLICATIONS ..............................................5
2.0 PRINCIPLES OF OPERATION .......................8
2.1 Integrated Stop Timer ..................................8
2.2 Write Protection ...........................................9
2.2.1 Bus Operations......................................9
2.2.1.1 Read...............................................9
2.2.1.2 Output Disable ..............................10
2.2.1.3 Standby ........................................10
2.2.1.4 Intelligent Identifier Operation .......10
2.2.1.5 Write .............................................10
2.2.2 Command Definitions ..........................10
2.2.2.1 Read Command............................11
2.2.2.2 Intelligent Identifier Command ......11
2.2.2.3 Set-Up Erase/Erase Commands ...12
2.2.2.4 Erase Verify Command.................12
2.2.2.5 Set-Up Program/Program
Commands ..................................12
2.2.2.6 Program Verify Command ............12
2.2.2.7 Reset Command...........................13
2.2.3 Extended Erase/Program Cycling........13
2.2.4 Quick-Pulse Programming Algorithm ...13
2.2.5 Quick-Erase Algorithm.........................13
3.0 DESIGN CONSIDERATIONS ........................16
3.1 Two-Line Output Control ............................16
3.2 Power Supply Decoupling ..........................16
3.3 VPP Trace on Printed Circuit Boards...........16
3.4 Power-Up/Down Protection ........................16
3.5 28F020 Power Dissipation .........................16
4.0 ELECTRICAL SPECIFICATIONS..................18
4.1 Absolute Maximum Ratings ........................18
4.2 Operating Conditions..................................18
4.3 Capacitance ...............................................18
4.4 DC Characteristics—TTL/NMOS
Compatible—Commercial Products...........19
4.5 DC Characteristics—CMOS Compatible—
Commercial Products ................................20
4.6 DC Characteristics—TTL/NMOS
Compatible—Extended Temperature
Products ....................................................22
4.7 DC Characteristics—CMOS Compatible—
Extended Temperature Products ...............24
4.8 AC Characteristics—Read Only
Operations—Commercial and Extended
Temperature Products...............................28
4.9 AC Characteristics—Write/Erase/Program
Only Operations—Commercial and
Extended Temperature Products ...............30
4.10 Erase and Programming Performance.....31
4.11 AC Characteristics—Alternate CE#
Controlled Writes—Commercial and
Extended Temperature Products ...............35
5.0 ORDERING INFORMATION.........................38
6.0 ADDITIONAL INFORMATION ......................38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com