Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 6 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 2Page - Intel Corporation 28F020 Datasheet HTML 3Page - Intel Corporation 28F020 Datasheet HTML 4Page - Intel Corporation 28F020 Datasheet HTML 5Page - Intel Corporation 28F020 Datasheet HTML 6Page - Intel Corporation 28F020 Datasheet HTML 7Page - Intel Corporation 28F020 Datasheet HTML 8Page - Intel Corporation 28F020 Datasheet HTML 9Page - Intel Corporation 28F020 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
28F020
E
6
Erase Voltage
Switch
Input/Output
Buffers
PGM Voltage
Switch
Chip Enable
Output Enable
Logic
Data Latch
State
Control
Command
Register
Integrated Stop
Timer
Y-Decoder
X-Decoder
Y-Gating
2,097,152 Bit
Cell Matrix
To Array Source
V
CC
V
SS
V
PP
WE#
CE#
OE#
A
0 - A17
STB
STB
DQ
0 - DQ7
0245_01
Figure 1. 28F020 Block Diagram
Table 1. Pin Description
Symbol
Type
Name and Function
A0–A17
INPUT
ADDRESS INPUTS for memory addresses. Addresses are
internally latched during a write cycle.
DQ0–DQ7
INPUT/OUTPUT
DATA INPUT/OUTPUT: Inputs data during memory write cycles;
outputs data during memory read cycles. The data pins are active
high and float to tri-state off when the chip is deselected or the
outputs are disabled. Data is internally latched during a write cycle.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers,
decoders and sense amplifiers. CE# is active low; CE# high
deselects the memory device and reduces power consumption to
standby levels.
OE#
INPUT
OUTPUT ENABLE: Gates the devices output through the data
buffers during a read cycle. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the control register and the
array. Write enable is active low. Addresses are latched on the
falling edge and data is latched on the rising edge of the WE#
pulse.
Note: With VPP
≤ 6.5 V, memory contents cannot be altered.
VPP
ERASE/PROGRAM POWER SUPPLY for writing the command
register, erasing the entire array, or programming bytes in the array.
VCC
DEVICE POWER SUPPLY (5 V ±10%)
VSS
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com