Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 1 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 1 Page - Intel Corporation

  28F020 Datasheet HTML 1Page - Intel Corporation 28F020 Datasheet HTML 2Page - Intel Corporation 28F020 Datasheet HTML 3Page - Intel Corporation 28F020 Datasheet HTML 4Page - Intel Corporation 28F020 Datasheet HTML 5Page - Intel Corporation 28F020 Datasheet HTML 6Page - Intel Corporation 28F020 Datasheet HTML 7Page - Intel Corporation 28F020 Datasheet HTML 8Page - Intel Corporation 28F020 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
E
December 1997
Order Number: 290245-009
n Flash Electrical Chip-Erase
2 Second Typical Chip-Erase
n Quick-Pulse Programming Algorithm
10 µS Typical Byte-Program
4 second Chip-Program
n 100,000 Erase/Program Cycles
n 12.0 V ±5% VPP
n High-Performance Read
90 ns Maximum Access Time
n CMOS Low Power Consumption
10 mA Typical Active Current
50 µA Typical Standby Current
0 Watts Data Retention Power
n Integrated Program/Erase Stop Timer
n Command Register Architecture for
Microprocessor/Microcontroller
Compatible Write Interface
n Noise Immunity Features
±10% VCC Tolerance
Maximum Latch-Up Immunity
through EPI Processing
n ETOX™ Nonvolatile Flash Technology
EPROM-Compatible Process Base
High-Volume Manufacturing
Experience
n JEDEC-Standard Pinouts
32-Pin Plastic Dip
32-Lead PLCC
32-Lead TSOP
(See Packaging Spec., Order #231369)
n Extended Temperature Options
Intel’s 28F020 CMOS flash memory offers the most cost-effective and reliable alternative for read/write
random access nonvolatile memory. The 28F020 adds electrical chip-erasure and reprogramming to familiar
EPROM technology. Memory contents can be rewritten: in a test socket; in a PROM-programmer socket; on-
board during subassembly test; in-system during final test; and in-system after sale. The 28F020 increases
memory flexibility, while contributing to time and cost savings.
The 28F020 is a 2048-kilobit nonvolatile memory organized as 262,144 bytes of eight bits. Intel’s 28F020 is
offered in 32-pin plastic DIP, 32-lead PLCC, and 32-lead TSOP packages. Pin assignments conform to
JEDEC standards for byte-wide EPROMs.
Extended erase and program cycling capability is designed into Intel’s ETOX™ (EPROM Tunnel Oxide)
process technology. Advanced oxide processing, an optimized tunneling structure, and lower electric field
combine to extend reliable cycling beyond that of traditional EEPROMs. With the 12.0 V VPP supply, the
28F020 performs 100,000 erase and program cycles—well within the time limits of the quick-pulse
programming and quick-erase algorithms.
Intel’s 28F020 employs advanced CMOS circuitry for systems requiring high-performance access speeds,
low power consumption, and immunity to noise. Its 90 ns access time provides zero wait-state performance
for a wide range of microprocessors and microcontrollers. Maximum standby current of 100 µA translates
into power savings when the device is deselected. Finally, the highest degree of latch-up protection is
achieved through Intel’s unique EPI processing. Prevention of latch-up is provided for stresses up to 100 mA
on address and data pins, from –1 V to VCC + 1 V.
With Intel’s ETOX process technology base, the 28F020 builds on years of EPROM experience to yield the
highest levels of quality, reliability, and cost-effectiveness.
28F020 2048K (256K X 8) CMOS
FLASH MEMORY


Similar Part No. - 28F020

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F004B5 INTEL-28F004B5 Datasheet
501Kb / 38P
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results

Similar Description - 28F020

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
Winbond
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
256K x 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com