Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F002BC Datasheet (PDF) - Intel Corporation

28F002BC Datasheet PDF - Intel Corporation
Part # 28F002BC
Download  28F002BC Download
File Size   455.7 Kbytes
Page   37 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY

28F002BC Datasheet (PDF)

Go To PDF Page Download Datasheet
28F002BC Datasheet PDF - Intel Corporation

Part # 28F002BC
Download  28F002BC Click to download

File Size   455.7 Kbytes
Page   37 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY

28F002BC Datasheet (HTML) - Intel Corporation


28F002BC Product details

INTRODUCTION
This datasheet comprises the specifications for the 28F002BC 2-Mbit flash memory. Section 1 provides an overview of the 2-Mbit flash memory, including applications, pinouts, and pin descriptions. Section 2 describes the memory organization in detail. Section 3 defines a description of the memory’s principles of operation. Finally, Section 4 details the memory’s operating specifications.

■ High Performance Read
    - 80/120 ns Max Access Time 40 ns Max. Output Enable Time
■ Low Power Consumption
    - 20 mA Typical Read Current
■ x8-Only Input/Output Architecture
    - Space-Constrained 8-bit Applications
■ Optimized Array Blocking Architecture
    - One 16-KB Protected Boot Block
    - Two 8-KB Parameter Blocks
    - One 96-KB Main Block
    - One 128-KB Main Block
    - Top Boot Location
■ Hardware Data Protection Feature
    - Erase/Write Lockout during Power Transitions
    - Absolute Hardware Protection for Boot Block
■ Software EEPROM Emulation with Parameter Blocks
■ Extended Cycling Capability
    - 100,000 Block Erase Cycles
■ Automated Byte Write and Block Erase
■ Industry-Standard Command User Interface
    - Status Registers
    - Erase Suspend Capability
■ SRAM-Compatible Write Interface
■ Reset/Deep Power-Down Input
    - 0.2 µA ICC Typical
    - Provides Reset for Boot Operations
■ Industry-Standard Surface Mount Packaging
    - 40-Lead TSOP
    - 44-Lead PSOP
    - 40-Lead PDIP
■ ETOX™ IV Flash Technology
    - 5V Read
■ 12V Write and Block Erase
    - VPP = 12V ±5% Standard
    - VPP = 12V ±10% Option
■ Independent Software Vendor Support




Similar Part No. - 28F002BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Similar Description - 28F002BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
21-Jun-2005
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com