Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F001BX-T Datasheet (PDF) - Intel Corporation

28F001BX-T Datasheet PDF - Intel Corporation
Part # 28F001BX-T
Download  28F001BX-T Download
File Size   436.24 Kbytes
Page   33 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY

28F001BX-T Datasheet (PDF)

Go To PDF Page Download Datasheet
28F001BX-T Datasheet PDF - Intel Corporation

Part # 28F001BX-T
Download  28F001BX-T Click to download

File Size   436.24 Kbytes
Page   33 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY

28F001BX-T Datasheet (HTML) - Intel Corporation


28F001BX-T Product details

Intel’s 28F001BX-B and 28F001BX-T combine the cost-effectiveness of Intel standard flash memory with features that simplify write and allow block erase. These devices aid the system designer by combining the functions of several components into one, making boot block flash an innovative alternative to EPROM and EEPROM or battery-backed static RAM. Many new and existing designs can take advantage of the 28F001BX’s integration of blocked architecture, automated electrical reprogramming, and standard processor interface.

■ High-Integration Blocked Architecture
    — One 8 KB Boot Block w/Lock Out
    — Two 4 KB Parameter Blocks
    — One 112 KB Main Block
■ 100,000 Erase/Program Cycles Per Block
■ Simplified Program and Erase
    — Automated Algorithms via On-Chip Write State Machine (WSM)
■ SRAM-Compatible Write Interface
■ Deep Power-Down Mode
    — 0.05 mA ICC Typical
    — 0.8 mA IPP Typical
■ 12.0V g5% VPP
■ High-Performance Read
    — 70/75 ns, 90 ns, 120 ns, 150 ns Maximum Access Time
    — 5.0V g10% VCC
■ Hardware Data Protection Feature
    — Erase/Write Lockout during Power Transitions
■ Advanced Packaging, JEDEC Pinouts
    — 32-Pin PDIP
    — 32-Lead PLCC, TSOP
■ ETOXTM II Nonvolatile Flash Technology
    — EPROM-Compatible Process Base
    — High-Volume Manufacturing Experience
■ Extended Temperature Options




Similar Part No. - 28F001BX-T

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F004B5 INTEL-28F004B5 Datasheet
501Kb / 38P
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results


Similar Description - 28F001BX-T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
logo
Intel Corporation
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
21-Jun-2005
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com