Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004S5 Datasheet (PDF) - Intel Corporation

28F004S5 Datasheet PDF - Intel Corporation
Part # 28F004S5
Download  28F004S5 Download
File Size   611.49 Kbytes
Page   37 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT

28F004S5 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F004S5 Datasheet PDF - Intel Corporation

Part # 28F004S5
Download  28F004S5 Click to download

File Size   611.49 Kbytes
Page   37 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT

28F004S5 Datasheet (HTML) - Intel Corporation


28F004S5 Product details

SMART 5 FlashFile™ MEMORY FAMILY 4, 8, AND 16 MBIT

Intel’s byte-wide Smart 5 FlashFile™ memory family renders a variety of density offerings in the same package. The 4-, 8-, and 16-Mbit byte-wide FlashFile memories provide high-density, low-cost, nonvolatile, read/write storage solutions for a wide range of applications. Their symmetrically-blocked architecture, flexible voltage, and extended cycling provide highly flexible components suitable for resident flash arrays, SIMMs, and memory cards. Enhanced suspend capabilities provide an ideal solution for code or data storage applications. For secure code storage applications, such as networking, where code is either directly executed out of flash or downloaded to DRAM, the 4-, 8-, and 16-Mbit FlashFile memories offer three levels of protection: absolute protection with VPP at GND, selective hardware block locking, or flexible software block locking. These alternatives give designers ultimate control of their code security needs.

■ SmartVoltage Technology
   - Smart 5 Flash: 5V VCC and 5V or 12V VPP
■ High-Performance
   - 4, 8 Mbit: 85 ns Read Access Time
   - 16 Mbit: 95 ns Read Access Time
■ Enhanced Data Protection Features
   - Absolute Protection with VPP = GND
   - Flexible Block Locking
   - Block Write Lockout during Power Transitions
■ Enhanced Automated Suspend Options
   - Program Suspend to Read
   - Block Erase Suspend to Program
   - Block Erase Suspend to Read
■ Industry-Standard Packaging
   - 40-Lead TSOP, 44-Lead PSOP
■ High-Density 64-Kbyte Symmetrical Erase Block Architecture
   - 4 Mbit: Eight Blocks
   - 8 Mbit: Sixteen Blocks
   - 16 Mbit: Thirty-Two Blocks
■ Extended Cycling Capability
   - 100,000 Block Erase Cycles
■ Low Power Management
   - Deep Power-Down Mode
   - Automatic Power Savings Mode Decreases ICC in Static Mode
■ Automated Program and Block Erase
   - Command User Interface
   - Status Register
■ SRAM-Compatible Write Interface
■ ETOX™ V Nonvolatile Flash Technology




Similar Part No. - 28F004S5

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results


Similar Description - 28F004S5

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
WORD-WIDE FlashFile MEMORY FAMILY
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
WORD-WIDE FlashFile MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com