Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F800F3 Datasheet (PDF) - Intel Corporation

28F800F3 Datasheet PDF - Intel Corporation
Part # 28F800F3
Download  28F800F3 Download
File Size   277.1 Kbytes
Page   47 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT

28F800F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F800F3 Datasheet PDF - Intel Corporation

Part # 28F800F3
Download  28F800F3 Click to download

File Size   277.1 Kbytes
Page   47 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT

28F800F3 Datasheet (HTML) - Intel Corporation


28F800F3 Product details

INTRODUCTION
This datasheet contains 8- and 16-Mbit Fast Boot Block memory information. Section 1.0 provides a flash memory overview. Sections 2.0 through 8.0 describe the memory functionality and electrical specifications for extended and automotive temperature product offerings.

■ High Performance
    - 54 MHz Effective Zero Wait-State Performance
    - Synchronous Burst-Mode Reads
    - Asynchronous Page-Mode Reads
■ SmartVoltage Technology
    - 2.7 V−3.6 V Read and Write Operations for Low Power Designs
    - 12 V VPP Fast Factory Programming
■ Flexible I/O Voltage
    - 1.65 V I/O Reduces Overall System Power Consumption
    - 5 V-Safe I/O Enables Interfacing to 5 V Devices
■ Enhanced Data Protection
    - Absolute Write Protection with VPP = GND
    - Block Locking
    - Block Erase/Program Lockout during Power Transitions
■ Density Upgrade Path
    - 8- and 16-Mbit
■ Manufactured on ETOX™ V Flash Technology
■ Supports Code Plus Data Storage
    - Optimized for Flash Data Integrator (FDI) Software
    - Fast Program Suspend Capability
    - Fast Erase Suspend Capability
■ Flexible Blocking Architecture
    - Eight 4-Kword Blocks for Data
    - 32-Kword Main Blocks for Code
    - Top or Bottom Configurations Available
■ Extended Cycling Capability
    - Minimum 10,000 Block Erase Cycles Guaranteed
■ Low Power Consumption
    - Automatic Power Savings Mode Decreases Power Consumption
■ Automated Program and Block Erase Algorithms
    - Command User Interface for Automation
    - Status Register for System Feedback
■ Industry-Standard Packaging
    - 56-Lead SSOP
    - µBGA* CSP




Similar Part No. - 28F800F3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F800B3 INTEL-28F800B3 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F800B5 INTEL-28F800B5 Datasheet
501Kb / 38P
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800C3 INTEL-28F800C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
Advanced Boot Block Flash Memory (C3)
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
Advanced Boot Block Flash
More results


Similar Description - 28F800F3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com