Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F200B5 Datasheet (PDF) - Intel Corporation

28F200B5 Datasheet PDF - Intel Corporation
Part # 28F200B5
Download  28F200B5 Download
File Size   501.61 Kbytes
Page   38 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT

28F200B5 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F200B5 Datasheet PDF - Intel Corporation

Part # 28F200B5
Download  28F200B5 Click to download

File Size   501.61 Kbytes
Page   38 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT

28F200B5 Datasheet (HTML) - Intel Corporation


28F200B5 Product details

SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT



Intel’s Smart 5 boot block flash memory family provides 2-, 4-, and 8-Mbit memories featuring high-density, low-cost, nonvolatile, read/write storage solutions for a wide range of applications. Their asymmetrically blocked architecture, flexible voltage, and extended cycling provide highly flexible components suitable for embedded code execution applications, such as networking infrastructure and office automation.



SmartVoltage Technology

Smart 5 Flash: 5 V Reads, 5 V or 12 V Writes

Increased Programming Throughput at 12 V VPP

Very High-Performance Read

2-, 4-Mbit: 60 ns Access Time

8-Mbit: 70 ns Access Time

x8 or x8/x16-Configurable Data Bus

Low Power Consumption

Max 60 mA Read Current at 5 V

Auto Power Savings: <1 mA Typical Standby Current

Optimized Array Blocking Architecture

16-KB Protected Boot Block

Two 8-KB Parameter Blocks

96-KB and 128-KB Main Blocks

Top or Bottom Boot Locations

Extended Temperature Operation

 –40 °C to +85 °C

industry-Standard Packaging

40, 48-Lead TSOP, 44-Lead PSOP

Extended Block Erase Cycling

100,000 Cycles at Commercial Temp

10,000 Cycles at Extended Temp

Hardware Data Protection Feature

Absolute Hardware-Protection for Boot Block

Write Lockout during Power Transitions

Automated Word/Byte Program and Block Erase

Command User Interface

Status Registers

Erase Suspend Capability

SRAM-Compatible Write Interface

Reset/Deep Power-Down Input

Provides Low-Power Mode and Reset for Boot Operations

Pinout Compatible 2, 4, and 8 Mbit

ETOX™ Flash Technology

0.6 µETOX IV Initial Production

0.4 µETOX V Later Production




Similar Part No. - 28F200B5

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX INTEL-28F200BX Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Similar Description - 28F200B5

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com