Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F160S3 Datasheet (PDF) - Intel Corporation

28F160S3 Datasheet PDF - Intel Corporation
Part # 28F160S3
Download  28F160S3 Download
File Size   1262.5 Kbytes
Page   52 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description WORD-WIDE FlashFile MEMORY FAMILY

28F160S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F160S3 Datasheet PDF - Intel Corporation

Part # 28F160S3
Download  28F160S3 Click to download

File Size   1262.5 Kbytes
Page   52 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description WORD-WIDE FlashFile MEMORY FAMILY

28F160S3 Datasheet (HTML) - Intel Corporation


28F160S3 Product details

INTRODUCTION
This datasheet contains 16- and 32-Mbit WordWide FlashFileTM memory (28F160S3 and 28F320S3) specifications. Section 1 provides a flash memory overview. Sections 2, 3, 4, and 5 describe the memory organization and functionality. Section 6 covers electrical specifications for extended temperature product offerings.

■ Two 32-Byte Write Buffers
    - 2.7 µs per Byte Effective Programming Time
■ Low Voltage Operation
    - 2.7V or 3.3V VCC
    - 2.7V, 3.3V or 5V VPP
■ 100 ns Read Access Time (16 Mbit) 110 ns Read Access Time (32 Mbit)
■ High-Density Symmetrically-Blocked Architecture
    - 32 64-Kbyte Erase Blocks (16 Mbit)
    - 64 64-Kbyte Erase Blocks (32 Mbit)
■ System Performance Enhancements
    - STS Status Output
■ Industry-Standard Packaging
    - µBGA* package, SSOP, and TSOP (16 Mbit)
    - µBGA* package and SSOP (32 Mbit)
■ Cross-Compatible Command Support
    - Intel Standard Command Set
    - Common Flash Interface (CFI)
    - Scaleable Command Set (SCS)
■ 100,000 Block Erase Cycles
■ Enhanced Data Protection Features
    - Absolute Protection with VPP = GND
    - Flexible Block Locking
    - Block Erase/Program Lockout during Power Transitions
■ Configurable x8 or x16 I/O
■ Automation Suspend Options
    - Program Suspend to Read
    - Block Erase Suspend to Program
    - Block Erase Suspend to Read
■ ETOX™ V Nonvolatile Flash Technology




Similar Part No. - 28F160S3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
WORD-WIDE FlashFile MEMORY FAMILY
More results


Similar Description - 28F160S3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2229 DALLAS-DS2229 Datasheet
374Kb / 10P
Word-Wide 8 Meg SRAM Stik
logo
Intel Corporation
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
WORD-WIDE FlashFile MEMORY FAMILY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
5 VOLT FlashFile??MEMORY
logo
Macronix International
MX25L1605 MCNIX-MX25L1605 Datasheet
754Kb / 45P
Macronix NBitTM Memory Family
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com