Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 10 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 6Page - Intel Corporation 28F020 Datasheet HTML 7Page - Intel Corporation 28F020 Datasheet HTML 8Page - Intel Corporation 28F020 Datasheet HTML 9Page - Intel Corporation 28F020 Datasheet HTML 10Page - Intel Corporation 28F020 Datasheet HTML 11Page - Intel Corporation 28F020 Datasheet HTML 12Page - Intel Corporation 28F020 Datasheet HTML 13Page - Intel Corporation 28F020 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
28F020
E
10
2.2.1.2
Output Disable
With OE# at a logic-high level (VIH), output from
the device is disabled. Output pins are placed in a
high-impedance state.
2.2.1.3
Standby
With CE# at a logic-high level, the standby
operation disables most of the 28F020’s circuitry
and
substantially
reduces
device
power
consumption. The outputs are placed in a high-
impedance state, independent of the OE# signal. If
the
28F020
is
deselected
during
erasure,
programming, or program/erase verification, the
device draws active current until the operation is
terminated.
2.2.1.4
Intelligent Identifier Operation
The intelligent identifier operation outputs the
manufacturer code (89H) and device code (BDH).
Programming equipment automatically matches
the device with its proper erase and programming
algorithms.
With CE# and OE# at a logic low level, raising A9
to high voltage VID (see DC Characteristics)
activates the operation. Data read from locations
0000H and 0001H represent the manufacturer’s
code and the device code, respectively.
The manufacturer and device codes can also be
read via the command register, for instances where
the 28F020 is erased and reprogrammed in the
target system. Following a write of 90H to the
command register, a read from address location
0000H outputs the manufacturer code (89H). A
read from address 0001H outputs the device code
(BDH).
2.2.1.5
Write
Device
erasure
and
programming
are
accomplished via the command register, when high
voltage is applied to the VPP pin. The contents of
the register serve as input to the internal state
machine. The state machine outputs dictate the
function of the device.
The command register itself does not occupy an
addressable memory location. The register is a
latch used to store the command, along with
address and data information needed to execute
the command.
The command register is written by bringing WE#
to a logic-low level (VIL), while CE# is low.
Addresses are latched on the falling edge of WE#
while data is latched on the rising edge of the WE#
pulse. Standard microprocessor write timings are
used.
Refer to
AC Characteristics—Write/Erase/Program
Only
Operations
and
the
erase/programming
waveforms for specific timing parameters.
2.2.2
COMMAND DEFINITIONS
When low voltage is applied to the VPP pin, the
contents of the command register default to 00H,
enabling read only operations.
Placing high voltage on the VPP pin enables
read/write
operations.
Device
operations
are
selected by writing specific data patterns into the
command register. Table 3 defines these 28F020
register commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com