Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F020 Datasheet(PDF) 14 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 10Page - Intel Corporation 28F020 Datasheet HTML 11Page - Intel Corporation 28F020 Datasheet HTML 12Page - Intel Corporation 28F020 Datasheet HTML 13Page - Intel Corporation 28F020 Datasheet HTML 14Page - Intel Corporation 28F020 Datasheet HTML 15Page - Intel Corporation 28F020 Datasheet HTML 16Page - Intel Corporation 28F020 Datasheet HTML 17Page - Intel Corporation 28F020 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
28F020
E
14
Start
Programming (4)
Apply V
PPH
(1)
PLSCNT = 0
Write Set-Up
Program Cmd
Write Program
Verify Cmd
Read Data
from Device
Write Read Cmd
Verify
Data
Inc
PLSCNT
=25?
Last
Address?
Programming
Completed
Program
Error
Write Program
Cmd (A/D)
Time Out 10 µs
Apply V
PPL
(1)
Apply V
PPL
(1)
Time Out 6 µs
Increment
Address
N
Bus
Operation
Command
Comments
Initialize Pulse-Count
Write
Set-Up
Program
Data = 40H
Write
Program
Valid Address/Data
Standby
Duration of Program
Operation (t
WHWH1 )
Write
Program
Verify(2)
Data = C0H; Stops
Program Operations(3)
Stand-by
t
WHGL
Read
Read Byte to Verify
Programming
Standby
Wait for V
PP Ramp to
V
PPH
(1)
Standby
Compare Data Output to
Data Expected
Standby
Wait for V
PP Ramp to VPPL
(1)
Write
Read
Data = 00H, Resets the
Register for Read
Operations
Y
N
Y
Y
N
0245_04
NOTES:
1.
See
DC Characteristics for the value of VPPH and VPPL.
2.
Program Verify is performed only after byte programming. A final read/compare may be performed (optional) after the
register is written with the Read command.
3.
Refer of
Principles of Operation.
4.
Caution: The algorithm must be followed to ensure proper and reliable operation of the device.
Figure 4. 28F020 Quick-Pulse Programming Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com