Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W29C040 Datasheet (PDF) - Winbond

W29C040 Datasheet PDF - Winbond
Part # W29C040
Download  W29C040 Download
File Size   261.39 Kbytes
Page   20 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K X 8 CMOS FLASH MEMORY

W29C040 Datasheet (PDF)

Go To PDF Page Download Datasheet
W29C040 Datasheet PDF - Winbond

Part # W29C040
Download  W29C040 Click to download

File Size   261.39 Kbytes
Page   20 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K X 8 CMOS FLASH MEMORY

W29C040 Datasheet (HTML) - Winbond


W29C040 Product details

GENERAL DESCRIPTION

The  W29C040 is a 4-megabit, 5-volt only CMOS page mode Flash Memory organized as 512K  ´8 bits. The device can be written (erased and programmed) in-system with a standard 5V power supply. A 12-volt VPPis not required. The unique cell  architecture of the W29C040 results in fast write (erase/program) operations with extremely low current consumption (compared to other comparable 5-volt flash memory products.) The device can also be erased and programmed by using standard EPROM programmers.



FEATURES

·  Single 5-volt write (erase and program) operations

·  Fast page-write operations

  - 256 bytes per page

  - Page write (erase/program) cycle: 5 mS (typ.)

  - Effective byte-write (erase/program) cycle time: 19.5 mS

  - Optional software-protected data write

·  Fast chip-erase operation: 50 mS

·  Two 16 KB boot blocks with lockout

·  Page write (erase/program) cycles: 50K (typ.)

·  Read access time: 70/90/120 nS

·  Ten-year data retention

·  Software and hardware data protection

·  Low power consumption

  - Active current: 25 mA (typ.)

  - Standby current: 20 mA (typ.)

·Automaticwrite (erase/program) timing with internal VPP generation

·  End of write (erase/program) detection

- Toggle bit

- Data polling

·  Latched address and data

·  All inputs and outputs directly TTL compatible

·  JEDEC standard byte-wide pinouts

·  Available packages: 32-pin 600 mil DIP, TSOP and PLCC




Similar Part No. - W29C040

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
More results


Similar Description - W29C040

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
29-Jan-1998
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
8-Megabit 512K x 16 CMOS Flash Memory
logo
Winbond
W39V040FA WINBOND-W39V040FA Datasheet
518Kb / 36P
512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
logo
fujitsu semiconductor
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
512K 횞 8 CMOS FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com