Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002 Datasheet (PDF) - Winbond

W49V002 Datasheet PDF - Winbond
Part # W49V002
Download  W49V002 Download
File Size   300.14 Kbytes
Page   32 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE

W49V002 Datasheet (PDF)

Go To PDF Page Download Datasheet
W49V002 Datasheet PDF - Winbond

Part # W49V002
Download  W49V002 Click to download

File Size   300.14 Kbytes
Page   32 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE

W49V002 Datasheet (HTML) - Winbond


W49V002 Product details

GENERAL DESCRIPTION
The  W49V002FA is a 2-megabit, 3.3-volt only CMOS flash memory organized as 256K  ´8 bits. The device can be programmed and erased in-system with a standard 3.3V power supply. A 12-volt VPP is not required. The unique cell architecture of the  W49V002FA results in fast program/erase operations with extremely low current consumption. This device can operate at two modes, Programmer bus interface mode and FWH bus interface mode.

FEATURES
·  Single 3.3-volt operations:
   - 3.3-volt Read
   - 3.3-volt Erase
   - 3.3-volt Program
·  Fast program operation:
   - Byte-by-byte programming: 50 mS (typ.)
·  Fast erase operation: 150 mS (typ.)
·  Fast read access time: Tkq 11 nS
·  Endurance: 10K cycles (typ.)
·  Twenty-year data retention
·  Hardware data protection
   - #TBL & #WP serve as hardware protection
·  One 16K bytes Boot Block with lockout protection
·  Two 8K bytes Parameter Blocks
·  Four main memory blocks (with 32K bytes, 64K bytes, 64K bytes, 64K bytes each)
·  Low power consumption
   - Active current: 40 mA (typ. for FWH)
·  Automatic program and erase timing with internal VPPgeneration
·  End of program or erase detection
   - Toggle bit
   - Data polling
·  Latched address and data
·  TTL compatible I/O
·  Available packages: 32L PLCC, 32L STSOP




Similar Part No. - W49V002

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AP WINBOND-W49V002AP Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AQ WINBOND-W49V002AQ Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results


Similar Description - W49V002

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FA WINBOND-W39V040FA Datasheet
518Kb / 36P
512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com