Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM4S16BA-AU Datasheet (PDF) - ATMEL Corporation

ATSAM4S16BA-AU Datasheet PDF - ATMEL Corporation
Part # ATSAM4S16BA-AU
Download  ATSAM4S16BA-AU Download
File Size   275.94 Kbytes
Page   2 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Scalable Performance and Memory Density, Power Efficiency

ATSAM4S16BA-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAM4S16BA-AU Datasheet PDF - ATMEL Corporation

Part # ATSAM4S16BA-AU
Download  ATSAM4S16BA-AU Click to download

File Size   275.94 Kbytes
Page   2 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Scalable Performance and Memory Density, Power Efficiency

ATSAM4S16BA-AU Datasheet (HTML) - ATMEL Corporation


ATSAM4S16BA-AU Product details

Description

The Atmel SAM4S series is a member of a family of Flash microcontrollers based on the high performance 32-bit ARM Cortex-M4 RISC processor. It operates at a maximum speed of 120 MHz and features up to 2048 Kbytes of Flash, with optional dual bank implementation and cache memory, and up to 160 Kbytes of SRAM. The peripheral set includes a Full Speed USB Device port with embedded transceiver, a High Speed MCI for SDIO/SD/MMC, an External Bus Interface featuring a Static Memory Controller providing connection to SRAM, PSRAM, NOR Flash, LCD Module and NAND Flash, 2x USARTs, 2x UARTs, 2x TWIs, 3x SPI, an I2S, as well as 1 PWM timer, 2x three channel general-purpose 16-bit timers (with stepper motor and quadrature decoder logic support), an RTC, a 12-bit ADC, a 12-bit DAC and an analog comparator.



Features

• Core

– ARM® Cortex®-M4 with a 2Kbytes cache running at up to 120 MHz

– Memory Protection Unit (MPU)

– DSP Instruction Set

– Thumb®-2 instruction set

• Pin-to-pin compatible with SAM3N, SAM3S products (64- and 100- pin versions) and SAM7S legacy products (64-pin version)

• Memories

– Up to 2048 Kbytes embedded Flash with optional dual bank and cache memory

– Up to 160 Kbytes embedded SRAM

– 16 Kbytes ROM with embedded boot loader routines (UART, USB) and IAP routines

– 8-bit Static Memory Controller (SMC): SRAM, PSRAM, NOR and NAND Flash support

• System

– Embedded voltage regulator for single supply operation

– Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe operation

– Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure Detection and optional low-power 32.768 kHz for RTC or device clock

– RTC with Gregorian and Persian Calendar mode, waveform generation in low power modes

– RTC clock calibration circuitry for 32.768 kHz crystal frequency compensation

– High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default frequency for device startup. In-application trimming access for frequency adjustment

– Slow Clock Internal RC oscillator as permanent low-power mode device clock

– Two PLLs up to 240 MHz for device clock and for USB

– Temperature Sensor

– Up to 22 Peripheral DMA (PDC) Channels

• Low Power Modes

– Sleep and Backup Modes, down to 1 µA in Backup Mode

– Ultra low-power RTC

• Peripherals

– USB 2.0 Device: 12 Mbps, 2668 byte FIFO, up to 8 bidirectional Endpoints. On-Chip

Transceiver

– Up to 2 USARTs with ISO7816, IrDA®, RS-485, SPI, Manchester and Modem Mode

– Two 2-wire UARTs

– Up to 2 Two Wire Interface (I2C compatible), 1 SPI, 1 Serial Synchronous Controller

(I2S), 1 High Speed Multimedia Card Interface (SDIO/SD Card/MMC)

– 2 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and PWM

mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for Stepper

Motor

– 4-channel 16-bit PWM with Complementary Output, Fault Input, 12-bit Dead Time

Generator Counter for Motor Control

– 32-bit Real-time Timer and RTC with calendar and alarm features

– Up to 16-channel, 1Msps ADC with differential input mode and programmable gain

stage and auto calibration

– One 2-channel 12-bit 1Msps DAC

– One Analog Comparator with flexible input selection, Selectable input hysteresis

– 32-bit Cyclic Redundancy Check Calculation Unit (CRCCU)

– Write Protected Registers

• I/O

– Up to 79 I/O lines with external interrupt capability (edge or level sensitivity),

debouncing, glitch filtering and on-die Series Resistor Termination

– Three 32-bit Parallel Input/Output Controllers, Peripheral DMA assisted Parallel

Capture Mode

• Packages

– 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/ 100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm/

100-ball VFBGA, 7 x 7 mm, pitch 0.65 mm

– 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/ 64-pad QFN 9x9 mm, pitch 0.5 mm




Similar Part No. - ATSAM4S16BA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM4S16BA-AU ATMEL-ATSAM4S16BA-AU Datasheet
638Kb / 67P
ARM-based Flash MCU
More results


Similar Description - ATSAM4S16BA-AU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
STMicroelectronics
STM32F103VET6 STMICROELECTRONICS-STM32F103VET6 Datasheet
1Mb / 130P
High-density performance line
19-Apr-2011
logo
Cooper Bussmann, Inc.
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
The high efficiency and high power density of the ABC family ensures
logo
TEKTRONIX, INC.
DPO70000SX TEKTRONIX-DPO70000SX Datasheet
8Mb / 50P
Scalable Performance Oscilloscopes
logo
Sciosense B.V.
ENS21X SCIOSENSE-ENS21X Datasheet
3Mb / 2P
Scalable Family of High-Performance Digital Temperature and Humidity Sensors
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com