Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-021L Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-021L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-021L
Download  ACPL-021L Download
File Size   123.52 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Power, 5 MBd Digital CMOS Optocoupler

ACPL-021L Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-021L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-021L
Download  ACPL-021L Click to download

File Size   123.52 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Power, 5 MBd Digital CMOS Optocoupler

ACPL-021L Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-021L Product details

Description
ACPL-M21L (single channel SO-5 package), ACPL-021L (single channel SO-8 package) and ACPL-024L (dual channel SO-8 package) are optically-coupled logic gates. The detector IC has CMOS output stage and optical receiver input stage with built-in Schmitt trigger to provide logic-compatible waveforms, eliminating the need for additional waveshaping.

Features
•  CMOS output
•  Wide supply voltage: 2.7 V – 5.5 V
•  Low power supply current IDD: 1.1 mA/channel max.
•  Low forward current IF: 1.6 mA min
•  Speed: 5 MBd typ
•  Pulse width distortion (PWD): 200 ns max
•  Propagation delay skew (tpsk): 220 ns max
•  Propagation delay (tp): 250 ns max
•  Common mode rejection: 25 kV/μs min at VCM = 1000 V
•  Hysteresis: 0.2 mA typ
•  Temperature range: -40 °C to 105 °C
•  Safety and regulatory approvals
    – UL 1577 recognized – 3750 Vrms for 1 minute for ACPL-M21L/021L/024L
    – CSA Approval
    – IEC/EN 60747-5-5, Approval for Reinforced Insulation

Applications
•  Low isolation of high speed logic systems
•  Computer peripheral interface
•  Microprocessor system interface
•  Ground loop elimination
•  Pulse transformer replacement
•  High speed line receiver
•  Power control systems




Similar Part No. - ACPL-021L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L-000E AVAGO-ACPL-021L-000E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-021L-060E AVAGO-ACPL-021L-060E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-021L-500E AVAGO-ACPL-021L-500E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
More results


Similar Description - ACPL-021L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
Low-Power 10-MBd Digital CMOS Optocouplers
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com