Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE52 Datasheet (PDF) - Winbond

W78LE52 Datasheet PDF - Winbond
Part # W78LE52
Download  W78LE52 Download
File Size   309.87 Kbytes
Page   22 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MTP MICROCONTROLLER

W78LE52 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78LE52 Datasheet PDF - Winbond

Part # W78LE52
Download  W78LE52 Click to download

File Size   309.87 Kbytes
Page   22 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MTP MICROCONTROLLER

W78LE52 Datasheet (HTML) - Winbond


W78LE52 Product details

GENERAL DESCRIPTION
The W78LE52 is an 8-bit microcontroller which can accommodate a wider frequency range with low power consumption. The instruction set for the W78LE52 is fully compatible with the standard 8051. The W78LE52 contains an 8K bytes MTP ROM (Multiple-Time Programmable ROM); a 256 bytes RAM; four 8-bit bi-directional and bit-addressable I/O ports; an additional 4-bit I/O port P4; three 16- bit timer/counters; a hardware watchdog timer and a serial port. These peripherals are supported by eight sources two-level interrupt capability. To facilitate programming and verification, the MTP-ROM inside the W78LE52 allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security.

FEATURES
• Fully static design 8-bit CMOS microcontroller
• Wide supply voltage of 2.4V to 5.5V
• 256 bytes of on-chip scratchpad RAM
• 8 KB electrically erasable/programmable MTP-ROM
• 64 KB program memory address space
• 64 KB data memory address space
• Four 8-bit bi-directional ports
• One extra 4-bit bit-addressable I/O port, additional INT2 / INT3
   (available on 44-pin PLCC/QFP package)
• Three 16-bit timer/counters
• One full duplex serial port(UART)
• Watchdog Timer
• Eight sources, two-level interrupt capability
• EMI reduction mode
• Built-in power management
• Code protection mechanism
• Packages:
   - DIP 40: W78LE52-24
   - PLCC 44: W78LE52P-24
   - PQFP 44: W78LE52F-24




Similar Part No. - W78LE52

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE52 WINBOND-W78LE52 Datasheet
204Kb / 26P
8-BIT MICROCONTROLLER
W78LE52C WINBOND-W78LE52C Datasheet
294Kb / 23P
8-BIT MICROCONTROLLER
W78LE52 WINBOND-W78LE52_06 Datasheet
204Kb / 26P
8-BIT MICROCONTROLLER
More results


Similar Description - W78LE52

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
8-BIT MTP MICROCONTROLLER
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
MARC4 -4-bit MTP Universal Microcontroller
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
MARC4 4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
8-bit MTP Micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com