Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE51 Datasheet (PDF) - Winbond

W78LE51 Datasheet PDF - Winbond
Part # W78LE51
Download  W78LE51 Download
File Size   304.09 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MTP MICROCONTROLLER

W78LE51 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78LE51 Datasheet PDF - Winbond

Part # W78LE51
Download  W78LE51 Click to download

File Size   304.09 Kbytes
Page   21 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MTP MICROCONTROLLER

W78LE51 Datasheet (HTML) - Winbond


W78LE51 Product details

GENERAL DESCRIPTION
The W78LE51 is an 8-bit microcontroller which can accommodate a wide supply voltage range with low power consumption. The instruction set for the W78LE51 is fully compatible with the standard 8051. The W78LE51 contains an 4K bytes MTP ROM (Multiple-Time Programmable ROM); a 128 bytes RAM; four 8-bit bi-directional and bit-addressable I/O ports; an additional 4-bit I/O port P4; two 16-bit timer/counters; a hardware watchdog timer and a serial port. These peripherals are supported by seven sources two-level interrupt capability. To facilitate programming and verification, the MTPROM inside the W78LE51 allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security.

FEATURES
• Fully static design 8-bit CMOS microcontroller
• Wide supply voltage of 2.4V to 5.5V
• 128 bytes of on-chip scratchpad RAM
• 4 KB electrically erasable/programmable MTP-ROM
• 64 KB program memory address space
• 64 KB data memory address space
• Four 8-bit bi-directional ports
• One extra 4-bit bit-addressable I/O port, additional INT2 / INT3
   (available on 44-pin PLCC/QFP package)
• Two 16-bit timer/counters
• One full duplex serial port(UART)
• Watchdog Timer
• seven sources, two-level interrupt capability
• EMI reduction mode
• Built-in power management
• Code protection mechanism
• Packages:
   - DIP 40: W78LE51-24
   - PLCC 44: W78LE51P-24
   - PQFP 44: W78LE51F-24




Similar Part No. - W78LE51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE51 WINBOND-W78LE51 Datasheet
220Kb / 25P
8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
287Kb / 31P
8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
W78LE516-24 WINBOND-W78LE516-24 Datasheet
287Kb / 31P
8-BIT MICROCONTROLLER
W78LE516A WINBOND-W78LE516A Datasheet
415Kb / 37P
8-BIT MICROCONTROLLER
More results


Similar Description - W78LE51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51B WINBOND-W78E51B Datasheet
324Kb / 23P
8-BIT MTP MICROCONTROLLER
W78E52B WINBOND-W78E52B Datasheet
306Kb / 22P
8-BIT MTP MICROCONTROLLER
W78IE54 WINBOND-W78IE54 Datasheet
211Kb / 21P
8-BIT MTP MICROCONTROLLER
W78LE52 WINBOND-W78LE52 Datasheet
309Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE54 WINBOND-W78LE54 Datasheet
308Kb / 22P
8-BIT MTP MICROCONTROLLER
W78LE812 WINBOND-W78LE812 Datasheet
338Kb / 25P
8-BIT MTP MICROCONTROLLER
logo
List of Unclassifed Man...
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
8-Bit Microcontroller for Monitor (32K Flash MTP Type)
logo
ATMEL Corporation
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
MARC4 -4-bit MTP Universal Microcontroller
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
MARC4 4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
M6759 ETC2-M6759_1 Datasheet
309Kb / 33P
8-bit MTP Micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com