Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24C64B Datasheet (PDF) - Cypress Semiconductor

FM24C64B Datasheet PDF - Cypress Semiconductor
Part # FM24C64B
Download  FM24C64B Download
File Size   347.37 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64Kb Serial 5V F-RAM Memory

FM24C64B Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24C64B Datasheet PDF - Cypress Semiconductor

Part # FM24C64B
Download  FM24C64B Click to download

File Size   347.37 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64Kb Serial 5V F-RAM Memory

FM24C64B Datasheet (HTML) - Cypress Semiconductor


FM24C64B Product details

Description

The  FM24C64B  is  a  64-kilobit  nonvolatile  memory employing  an  advanced  ferroelectric  process.  A

ferroelectric  random  access  memory  or  FRAM  is nonvolatile  and  performs  reads  and  writes  like  a RAM. It provides reliable data retention for  38  years while  eliminating  the  complexities,  overhead,  and system  level  reliability  problems  caused  by EEPROM and other nonvolatile memories.



Features

64K bit Ferroelectric Nonvolatile RAM

Organized as 8,192 x 8 bits

High Endurance 1 Trillion (1012) Read/Writes

38 Year Data Retention

NoDelay™ Writes

Advanced High-Reliability Ferroelectric Process



Fast Two-wire Serial Interface

Up to 1 MHz maximum bus frequency

Direct hardware replacement for EEPROM

Supports legacy timing for 100 kHz & 400 kHz



Low Power Operation

5V operation

100 µA Active Current (100 kHz)

4 µA (typ.) Standby Current



Industry Standard Configuration

Industrial Temperature -40  C to +85  C

8-pin “Green”/RoHS SOIC (-G)




Similar Part No. - FM24C64B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24C64B-G RAMTRON-FM24C64B-G Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24C64B-G RAMTRON-FM24C64B-G Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B-G CYPRESS-FM24C64B-G Datasheet
352Kb / 15P
64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C64B-GTR RAMTRON-FM24C64B-GTR Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
More results


Similar Description - FM24C64B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
64Kb Serial 5V F-RAM Memory
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25640B CYPRESS-FM25640B Datasheet
441Kb / 13P
64Kb Serial 5V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
64Kb Bytewide 5V F-RAM Memory
FM25640B CYPRESS-FM25640B_13 Datasheet
400Kb / 14P
64Kb Serial 5V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
64Kb Serial 5V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com