Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM1608B Datasheet (PDF) - Cypress Semiconductor

FM1608B Datasheet PDF - Cypress Semiconductor
Part # FM1608B
Download  FM1608B Download
File Size   342.67 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64Kb Bytewide 5V F-RAM Memory

FM1608B Datasheet (PDF)

Go To PDF Page Download Datasheet
FM1608B Datasheet PDF - Cypress Semiconductor

Part # FM1608B
Download  FM1608B Click to download

File Size   342.67 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 64Kb Bytewide 5V F-RAM Memory

FM1608B Datasheet (HTML) - Cypress Semiconductor


FM1608B Product details

Functional Overview
The FM1608B is a 8 K × 8 nonvolatile memory that reads and writes similar to a standard SRAM. A ferroelectric random access memory or F-RAM is nonvolatile, which means that data is retained after power is removed. It provides data retention for over 151 years while eliminating the reliability concerns, functional disadvantages, and system design complexities of battery-backed SRAM (BBSRAM). Fast write timing and high write endurance make the F-RAM superior to other types of memory.

Features
■ 64-Kbit ferroelectric random access memory (F-RAM) logically organized as 8 K × 8
    ❐ High-endurance 100 trillion (1014) read/writes
    ❐ 151-year data retention (see the Data Retention and Endurance table)
    ❐ NoDelay™ writes
    ❐ Advanced high-reliability ferroelectric process
■ SRAM and EEPROM compatible
    ❐ Industry-standard 8 K × 8 SRAM and EEPROM pinout
    ❐ 70-ns access time, 130-ns cycle time
■ Superior to battery-backed SRAM modules
    ❐ No battery concerns
    ❐ Monolithic reliability
    ❐ True surface mount solution, no rework steps
    ❐ Superior for moisture, shock, and vibration
    ❐ Resistant to negative voltage undershoots
■ Low power consumption
    ❐ Active current 15 mA (max)
    ❐ Standby current 25 μA (typ)
■ Voltage operation: VDD = 4.5 V to 5.5 V
■ Industrial temperature: –40°C to +85°C
■ 28-pin small outline integrated circuit (SOIC) package
■ Restriction of hazardous substances (RoHS) compliant




Similar Part No. - FM1608B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
FM1608B-SG RAMTRON-FM1608B-SG Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
More results


Similar Description - FM1608B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
64Kb Serial 5V F-RAM Memory
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
256Kb Bytewide 5V F-RAM Memory
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
64Kb Serial 5V F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
256Kb Bytewide 5V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
64Kb Serial 5V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com