Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM1808B Datasheet (PDF) - Cypress Semiconductor

FM1808B Datasheet PDF - Cypress Semiconductor
Part # FM1808B
Download  FM1808B Download
File Size   336.12 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kb Bytewide 5V F-RAM Memory

FM1808B Datasheet (PDF)

Go To PDF Page Download Datasheet
FM1808B Datasheet PDF - Cypress Semiconductor

Part # FM1808B
Download  FM1808B Click to download

File Size   336.12 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kb Bytewide 5V F-RAM Memory

FM1808B Datasheet (HTML) - Cypress Semiconductor


FM1808B Product details

Description
The FM1808B is a 256-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or F-RAM is nonvolatile but operates in other respects as a RAM.

Features
256Kbit Ferroelectric Nonvolatile RAM
• Organized as 32,768 x 8 bits
• High Endurance 1 Trillion (1012) Read/Writes
• 38 year Data Retention (@ +75°C)
• NoDelay™ Writes
• Advanced High-Reliability Ferroelectric Process

Superior to BBSRAM Modules
• No Battery Concerns
• Monolithic Reliability
• True Surface Mount Solution, No Rework Steps
• Superior for Moisture, Shock, and Vibration
• Resistant to Negative Voltage Undershoots

SRAM & EEPROM Compatible
• JEDEC 32Kx8 SRAM & EEPROM pinout
• 70 ns Access Time
• 130 ns Cycle Time

Low Power Operation
• 15 mA Active Current
• 25 µA (typ.) Standby Current

Industry Standard Configuration
• Industrial Temperature -40°C to +85°C
• 28-pin “Green”/RoHS SOIC Package




Similar Part No. - FM1808B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
256Kb Bytewide 5V F-RAM Memory
FM1808B-SG RAMTRON-FM1808B-SG Datasheet
94Kb / 11P
256Kb Bytewide 5V F-RAM Memory
More results


Similar Description - FM1808B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
1Mbit Bytewide F-RAM Memory
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
256Kb Wide Voltage Bytewide F-RAM
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
1Mbit Bytewide F-RAM Memory
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
256Kb Wide Voltage Bytewide F-RAM
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
256Kbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
1Mbit Bytewide F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
64Kb Bytewide 5V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com