Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24CL16B-G Datasheet (PDF) - Cypress Semiconductor

FM24CL16B-G Datasheet PDF - Cypress Semiconductor
Part # FM24CL16B-G
Download  FM24CL16B-G Download
File Size   363.55 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16Kb Serial 3V F-RAM Memory

FM24CL16B-G Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24CL16B-G Datasheet PDF - Cypress Semiconductor

Part # FM24CL16B-G
Download  FM24CL16B-G Click to download

File Size   363.55 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16Kb Serial 3V F-RAM Memory

FM24CL16B-G Datasheet (HTML) - Cypress Semiconductor


FM24CL16B-G Product details

Description

The FM24CL16B is a 16-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 38 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories.



Features

16K bit Ferroelectric Nonvolatile RAM

• Organized as 2,048 x 8 bits

• High Endurance 1014 Read/Writes

• 38 year Data Retention

• NoDelay™ Writes

• Advanced High-Reliability Ferroelectric Process



Fast Two-wire Serial Interface

• Up to 1MHz Maximum Bus Frequency

• Direct Hardware Replacement for EEPROM

• Supports legacy timing for 100 kHz & 400 kHz



Low Power Operation

• 2.7 - 3.65V Operation

• 100 A Active Current (100 kHz)

• 3 A (typ.) Standby Current



Industry Standard Configuration

• Industrial Temperature -40 C to +85 C

• 8-pin “Green”/RoHS SOIC and TDFN Packages



 




Similar Part No. - FM24CL16B-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL16B-G RAMTRON-FM24CL16B-G Datasheet
287Kb / 13P
16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-G CYPRESS-FM24CL16B-G Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B-GTR RAMTRON-FM24CL16B-GTR Datasheet
287Kb / 13P
16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL16B-GTR CYPRESS-FM24CL16B-GTR Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
More results


Similar Description - FM24CL16B-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
16Kb Serial 5V F-RAM Memory
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
16Kb Serial 3V F-RAM Memory
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
16Kb Serial 5V F-RAM Memory
FM25L16B RAMTRON-FM25L16B Datasheet
150Kb / 14P
16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
16Kb Serial 5V F-RAM Memory
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
16Kb Serial 3V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com