Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25V02 Datasheet (PDF) - Cypress Semiconductor

FM25V02 Datasheet PDF - Cypress Semiconductor
Part # FM25V02
Download  FM25V02 Download
File Size   549.39 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kb Serial 3V F-RAM Memory

FM25V02 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25V02 Datasheet PDF - Cypress Semiconductor

Part # FM25V02
Download  FM25V02 Click to download

File Size   549.39 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256Kb Serial 3V F-RAM Memory

FM25V02 Datasheet (HTML) - Cypress Semiconductor


FM25V02 Product details

Description

The  FM25V02  is  a  256-kilobit  nonvolatile  memory employing  an  advanced  ferroelectric  process.  A

ferroelectric  random  access  memory  or  F-RAM  is nonvolatile  and  performs  reads  and  writes  like  a

RAM. It provides reliable data retention for 10 years while  eliminating  the  complexities,  overhead,  and

system  level  reliability  problems  caused  by  Serial Flash and other nonvolatile memories.



Features

256K bit Ferroelectric Nonvolatile RAM

Organized as 32,768 x 8 bits

High Endurance 100 Trillion (1014) Read/Writes

10 Year Data Retention

NoDelay™ Writes

Advanced High-Reliability Ferroelectric Process



Very Fast Serial Peripheral Interface - SPI

Up to 40 MHz Frequency

Direct Hardware Replacement for Serial Flash

SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)



Write Protection Scheme

Hardware Protection

Software Protection



Device ID

Device ID reads out Manufacturer ID & Part ID



Low Voltage, Low Power

Low Voltage Operation 2.0V – 3.6V

90  A Standby Current (typ.)

5  A Sleep Mode Current (typ.)



Industry Standard Configurations

Industrial Temperature -40 C to +85 C

8-pin “Green”/RoHS SOIC Package

8-pin “Green”/RoHS TDFN Package




Similar Part No. - FM25V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
256Kb Serial 3V F-RAM Memory
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DGTR RAMTRON-FM25V02-DGTR Datasheet
343Kb / 17P
256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DGTR CYPRESS-FM25V02-DGTR Datasheet
504Kb / 18P
256Kb Serial 3V F-RAM Memory
More results


Similar Description - FM25V02

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
256Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
256Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
2Mb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
256Kb Serial 3V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com