Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW9242 Datasheet (PDF) - Motorola, Inc

MHW9242 Datasheet PDF - Motorola, Inc
Part # MHW9242
Download  MHW9242 Download
File Size   46.71 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 24 dB GAIN 1000 MHz 152-CHANNEL CATV AMPLIFIER

MHW9242 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW9242 Datasheet PDF - Motorola, Inc

Part # MHW9242
Download  MHW9242 Click to download

File Size   46.71 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 24 dB GAIN 1000 MHz 152-CHANNEL CATV AMPLIFIER

MHW9242 Datasheet (HTML) - Motorola, Inc


MHW9242 Product details

The RF Line
152-Channel (1000Mhz) CATV Line Extender Amplifier

• Specified for 152–Channel Performance
• Broadband Power Gain – @ f = 40–1000 MHz
    Gp = 24 dB (Typ)
• Broadband Noise Figure
    NF = 8 dB (Max) @ 1000 MHz
• Superior Gain, Return Loss and DC Current Stability with Temperature
• All Gold Metallization
• 7 GHz fT Ion–Implanted Transistors




Similar Part No. - MHW9242

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9242A MOTOROLA-MHW9242A Datasheet
113Kb / 4P
The RF Line 152-Channel(1000Mhz) CATV Line Extender Amplifier
More results


Similar Description - MHW9242

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7182 MOTOROLA-MHW7182 Datasheet
51Kb / 2P
18 dB GAIN 750/860/1000 MHz 110/128/152 CHANNEL CATV AMPLIFIERS
MHW7222A MOTOROLA-MHW7222A Datasheet
53Kb / 2P
22 dB GAIN 750 MHz 110 CHANNEL CATV AMPLIFIER
MHW7242 MOTOROLA-MHW7242 Datasheet
46Kb / 2P
24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7242A MOTOROLA-MHW7242A Datasheet
54Kb / 2P
24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7272 MOTOROLA-MHW7272 Datasheet
53Kb / 2P
27 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7272A MOTOROLA-MHW7272A Datasheet
53Kb / 2P
27 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242 MOTOROLA-MHW8242 Datasheet
46Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
logo
Freescale Semiconductor...
MHW9182CN FREESCALE-MHW9182CN Datasheet
71Kb / 5P
1000 MHz 19.4 dB GAIN 152-CHANNEL CATV AMPLIFIER MODULE
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com