Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W99200F Datasheet (PDF) - Winbond

W99200F Datasheet PDF - Winbond
Part # W99200F
Download  W99200F Download
File Size   17.45 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description MPEG-1 VIDEO ENCODER

W99200F Datasheet (PDF)

Go To PDF Page Download Datasheet
W99200F Datasheet PDF - Winbond

Part # W99200F
Download  W99200F Click to download

File Size   17.45 Kbytes
Page   1 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description MPEG-1 VIDEO ENCODER

W99200F Datasheet (HTML) - Winbond


W99200F Product details

GENERAL DESCRIPTION

The W99200F/ W99200AF is a high performance MPEG-1 Video Encoder which supports real-time video encoding. The W99200F/ W99200AF provides a fast, high quality and cost-effective solution for use in consumer video systems, PC add-in cards, and PC external boxes. It enables a wide range of applications including video and audio capturing, encoding and authoring for Security system, Web sites, RVCD, Digital VCR and video e-mail. The W99200AF also supports the cooperation with the Zapex Z1210, the MPEG audio encoder/ MPEG system mux chip. W99200F is functionally equal to W99200AF, excluding the cooperation support.



FEATURES

Live Video Encoding

· Real time MPEG-1 video encoding in IBP syntax

· Programmable IBP frame sequence

· Programmable bit rate

· Supports NTSC and PAL frame rates

· Real time Motion JPEG encoding

· Supports SIF and QSIF resolutions

· Supports standard formats - CCIR601 NTSC, CCIR601 PAL and Square NTSC

· Automatic cropping and decimation

· Automatic inverse telecine (3:2 pull down)

· Automatic time code generation

· Automatic scene change detection

· Supports user defined bitmap 96 x 32 pixel size for logo



Live Video Pass Through

· Passes YCbCr video from live video input to host

· Supports SIF and QSIF formats

· Automatic cropping and decimation

· Programmable frame rate output to the host



Live Audio Pass Through

· Supports I2S interface for passing audio to host

· Provides perfect A/V synchronization

Live Video Snap Shot

· Captures a single frame from live video input to host in YCbCr, JPEG or MPEG-1 I-frame format

· Supports frame resolutions of CCIR601 (4:2:0), SIF and QSIF

· Automatic cropping and decimation



Single Frame Encoding

· Supports frame sizes from 32 x 32 to 720 x 576

· Provides video editing through host access

· Receives single frame video from the host, encodes in MPEG-1 I-frame or JPEG format, and sends it back to the host



Standards Compliant

· Multi-Standard MPEG-1, M-JPEG, and JPEG

· ISO/IEC 11172-2 MPEG-1 Video

· ISO/IEC 10918-1:1994 JPEG Stills



Flexible Host Interface

· Allows host type selection through input pins

· Provides 32-bit PCI bus interface in both bus target and bus master modes

· Provides generic 32-bit bus interface

· Provides a set of configuration registers

· Provides I2C protocol management through the host



DRAM Interface

· Single 1M x 16 bits SDRAM required

· Host Read/Write modes allow the host to utilize the SDRAM for system storage



Video Decoder Interface

· Glueless interface to popular video decoders

· Programmable interface characteristics



MPEG Decoder Interface

· serves a glueless 8051-like interface for SVCD decoder

· shares the single 16M bit SDRAM with SVCD decoder



Operating Conditions

· 160-pin PQFP

· 3.3 Volt supply with input pins 5 Volt tolerant

· Operating frequency 54 MHz



Applications

· Recordable Video-CD player (RVCD)

· Security Camera or Web Camera

· TV Tuner & Recorder card

· Desktop Video Editing System

· PCI MPEG-1 encoding & capture card

· External MPEG-1 Video Encoding box



 




Similar Part No. - W99200F

ManufacturerPart #DatasheetDescription
logo
Winbond
W9922 WINBOND-W9922 Datasheet
32Kb / 1P
DVD A/V Decoder
logo
Pulse A Technitrol Comp...
W9922 PULSE-W9922 Datasheet
74Kb / 1P
iDAS splitter bracket
logo
Winbond
W9922QF WINBOND-W9922QF Datasheet
32Kb / 1P
DVD A/V Decoder
W9923 WINBOND-W9923 Datasheet
35Kb / 1P
VCD Decoder with MP3
W9923QF WINBOND-W9923QF Datasheet
35Kb / 1P
VCD Decoder with MP3
More results


Similar Description - W99200F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VW2010 ETC-VW2010 Datasheet
358Kb / 2P
MPEG-1, -2, -4 Audio/Video CODEC Chip
logo
NXP Semiconductors
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
fujitsu semiconductor
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
MPEG-2 Single Chip Audio/Video Encoder
logo
Sony Corporation
CXD1922Q SONY-CXD1922Q Datasheet
38Kb / 4P
MPEG-2 Video Encoder
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
MPEG-2 VIDEO Encoder/Decoder
logo
Synaptics Incorporated.
CX23416 CONEXANT-CX23416 Datasheet
837Kb / 2P
MPEG-2 Encoder
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
MPEG Video Decoder
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
Vector Floating Point co-processor Hardware MPEG video encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com