Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10020 Datasheet (PDF) - Motorola, Inc

MJ10020 Datasheet PDF - Motorola, Inc
Part # MJ10020
Download  MJ10020 Download
File Size   293.82 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS

MJ10020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10020 Datasheet PDF - Motorola, Inc

Part # MJ10020
Download  MJ10020 Click to download

File Size   293.82 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS

MJ10020 Datasheet (HTML) - Motorola, Inc


MJ10020 Product details

SWITCHMODE Series
NPN Silicon Power Darlington
Transistors with Base-Emitter Speedup Diode

The MJ10020 and MJ10021 Darlington transistors are designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switchmode applications such as:

• AC and DC Motor Controls
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Fast Turn–Off Times
   150 ns Inductive Fall Time at 25°C (Typ)
   750 ns Inductive Storage Time at 25°C (Typ)
• Operating Temperature Range –65 to +200°C
• 100°C Performance Specified for:
   Reversed Biased SOA with Inductive Loads
   Switching Times with Inductive Loads
   Saturation Voltages
   Leakage Currents




Similar Part No. - MJ10020

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10020 MOSPEC-MJ10020 Datasheet
211Kb / 4P
POWER TRANSISTORS(60A,200-250V,250W)
logo
ON Semiconductor
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
MJ10020 NJSEMI-MJ10020 Datasheet
101Kb / 2P
NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Continental Device Indi...
MJ10020 CDIL-MJ10020 Datasheet
1Mb / 10P
NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results


Similar Description - MJ10020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
16 ampere complementary silicon power transistors 250 volts 250 watts
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Continental Device Indi...
MJ10020 CDIL-MJ10020 Datasheet
1Mb / 10P
NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com