Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10020 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MJ10020 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MJ10020
Download  MJ10020 Download
File Size   101.44 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode

MJ10020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10020 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MJ10020
Download  MJ10020 Click to download

File Size   101.44 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode

MJ10020 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MJ10020 Product details

SWITCHMODE Series
NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode

The MJ10020 and MJ10021 Darlington transistors are designed for high-voltage, high-speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switchmode applications such as:

• AC and DC Motor Controls
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Fast Turn-Off Times
   150 ns Inductive Fall Time at 25°C (Typ)
   750 ns Inductive Storage Time at 25°C (Typ)
• Operating Temperature Range -65 to +200°C
• 100°C Performance Specified for:
   Reversed Biased SOA with Inductive Loads
   Switching Times with Inductive Loads
   Saturation Voltages
   Leakage Currents




Similar Part No. - MJ10020

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10020 MOSPEC-MJ10020 Datasheet
211Kb / 4P
POWER TRANSISTORS(60A,200-250V,250W)
logo
Motorola, Inc
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
ON Semiconductor
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Continental Device Indi...
MJ10020 CDIL-MJ10020 Datasheet
1Mb / 10P
NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results


Similar Description - MJ10020

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE99 NTE-NTE99 Datasheet
27Kb / 3P
Silicon NPN Transistor Darlington w/Base-Emitter Speed-up Diode
logo
Boca Semiconductor Corp...
MJ10004 BOCA-MJ10004 Datasheet
189Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
MJ10006 BOCA-MJ10006 Datasheet
197Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTOR WITH BASE-EMITTER SPEEDUP DIODE
MJ10008 BOCA-MJ10008 Datasheet
196Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
Inchange Semiconductor ...
2SD2560 ISC-2SD2560 Datasheet
137Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SD2386 SAVANTIC-2SD2386 Datasheet
127Kb / 3P
Silicon NPN Darlington Power Transistors
logo
New Jersey Semi-Conduct...
MJ10022 NJSEMI-MJ10022 Datasheet
102Kb / 2P
NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
MJ10008 NJSEMI-MJ10008 Datasheet
101Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
MJ10005 NJSEMI-MJ10005 Datasheet
109Kb / 2P
NPN Silicon Power Darlington Transistor with Base-Emitter Speedup Diode
logo
Continental Device Indi...
MJ10020 CDIL-MJ10020 Datasheet
1Mb / 10P
NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com